Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAP202U Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # DAP202U
Description  DUAL SURFACE MOUNT SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

DAP202U Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  DAP202U_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD DAP202U_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
DAP202K
DUAL SURFACE MOUNT SWITCHING DIODE
*
Fast Switching Speed
*
High Conductance
*
Surface Mount Package Ideally Suited for
Automatic Insertion
ABSOLUTE MAXIMUM RATINGS at Ta=25
Characteristic
Symbol
Rating
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
300
mAdc
Total
Device
Dissipation
FR-5
Board(Note)
Derate above 25
PD
350
1.8
mW
mW/
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55-150
Package:
SOT-23
ELECTRICAL CHARACTERISTICS at Ta=25
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage(IR=100uAdc)
V(BR)
70
Vdc
Reverse Voltage Leakage Current
(VR=70V)
(VR=70V,Tj=150
)
(VR=25V,Tj=150
)
IR
2.5
100
30
uAdc
Forward Voltage
(IF=1.0mAdc)
(IF=10mAdc)
(IF=50mAdc)
(IF=150mAdc)
VF
715
855
1.0
1.25
mVdc
mVdc
Vdc
Vdc
Capacitance(VR=0,f=1.0MHz)
Cj
4.0
PF
Reverse Recovery Time
(IF=10mA to IRR=1.0mA VR=6.0V,RL=100
)
Trr
6.0
nS
Note:FR-5=1.0
0.75
0.062in
DVICE MARKING:
DAP202K=A11
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - DAP202U_15

ManufacturerPart #DatasheetDescription
logo
Rohm
DAP202U ROHM-DAP202U_11 Datasheet
1,005Kb / 3P
   Switching Diode
logo
Galaxy Semi-Conductor H...
DAP202U BILIN-DAP202U_17 Datasheet
111Kb / 3P
   Surface mount switching diode
More results

Similar Description - DAP202U_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com