Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB910 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BB910
Description  VHF VARIABLE CAPACITANCE DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BB910 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BB910_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BB910_15 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
RATINGS AND CHARACTERISTIC CURVES
FlG1:Diode capacltance as a function of reverse voltage;typical values
FlG2:Reverse current as a function of junction
femperature; maximum values
FlG3:Temperature coefficlent of diode
capacitance as a function of
reverse voltage:typical values
F=1MHz; Tj=25 C
o
Tj=0 to 85 C
o
10
-1
1
10
V (V)
R
10
2
10
3
I
(nA)
R
10
2
10
Tj=( C)
o
50
40
30
20
10
0
0
50
100
10
-3
10
-4
10
-5
TC
(K )
d
1
C
(pF)
d
10
-1
1
10
10
2
V (V)
R
BB910
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BB910_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB910 PHILIPS-BB910 Datasheet
30Kb / 4P
   VHF variable capacitance diode
1996 May 03
logo
SHENZHEN YONGERJIA INDU...
BB910 WINNERJOIN-BB910 Datasheet
160Kb / 2P
   VHF VARIABLE CAPACITANCE DIODES
logo
SHIKUES Electronics
BB910 SKTECHNOLGY-BB910 Datasheet
303Kb / 2P
   SK VARIABLE CAPACITANCE DIODE SILICON TYPE
More results

Similar Description - BB910_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB909A PHILIPS-BB909A Datasheet
30Kb / 4P
   VHF variable capacitance diodes
1996 May 03
logo
SHENZHEN YONGERJIA INDU...
BB910 WINNERJOIN-BB910 Datasheet
160Kb / 2P
   VHF VARIABLE CAPACITANCE DIODES
logo
NXP Semiconductors
BB204B PHILIPS-BB204B Datasheet
31Kb / 5P
   VHF variable capacitance double diodes
1996 May 03
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB181 PHILIPS-BB181 Datasheet
69Kb / 8P
   VHF variable capacitance diode
1998 Nov 26
BB187 PHILIPS-BB187 Datasheet
52Kb / 8P
   VHF variable capacitance diode
1999 Oct 19
BB901 PHILIPS-BB901 Datasheet
25Kb / 4P
   VHF variable capacitance diode
1996 May 03
BB911 PHILIPS-BB911 Datasheet
30Kb / 4P
   VHF variable capacitance diode
1996 May 03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com