Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADR-008851-000100 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-008851-000100
Description  PIN Diode Driver for Series / Shunt High Power Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-008851-000100 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADR-008851-000100_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-008851-000100_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-008851-000100_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-008851-000100_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-008851-000100_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-008851-000100_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PIN Diode Driver for Series / Shunt High Power Switches
Rev. P2
MADR-008851-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Switching Speed When Driving M/A-COM MASW-000834-13560T Switch
7:
7.
Switching parameters were measured with a 10 dBm, 2 GHz RF input.
Testing Conditions
Symbol
Parameter
Unit
Typical Performance
-40°C
+25°C
85°C
VCC = +5.0 V
VDD = +28 V
ISERIES = 50 mA
ISHUNT = 50 mA
TX Series Diode
TON
TOFF
Tr
Tf
50% CTL to 90% RF
50% CTL to 10% RF
10% - 90% RF
90% - 10% RF
ns
ns
ns
ns
250
400
80
200
450
520
200
250
600
600
300
300
RX Shunt Diode
TON
TOFF
Tr
Tf
50% CTL to 90% Current
50% CTL to 10% Current
10% - 90% Current
90% - 10% Current
ns
ns
ns
ns
480
100
470
90
550
100
540
90
620
100
610
90
VCC = +3.3 V
VDD = +12 V
ISERIES = 50 mA
ISHUNT = 35 mA
TX Series Diode
TON
TOFF
Tr
Tf
50% CTL to 90% RF
50% CTL to 10% RF
10% - 90% RF
90% - 10% RF
ns
ns
ns
ns
460
630
280
400
620
770
300
350
820
900
340
320
RX Series Diode
TON
TOFF
Tr
Tf
50% CTL to 90% RF
50% CTL to 10% RF
10% - 90% RF
90% - 10% RF
ns
ns
ns
ns
630
470
400
280
880
550
450
200
1200
650
550
200
RX Shunt Diode
TON
TOFF
Tr
Tf
50% CTL to 90% Current
50% CTL to 10% Current
10% - 90% Current
90% - 10% Current
ns
ns
ns
ns
860
100
850
90
850
100
840
90
900
100
880
90
RX Series Diode
TON
TOFF
Tr
Tf
50% CTL to 90% RF
50% CTL to 10% RF
10% - 90% RF
90% - 10% RF
ns
ns
ns
ns
370
220
150
80
600
300
300
120
840
350
500
160


Similar Part No. - MADR-008851-000100_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
109Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
More results

Similar Description - MADR-008851-000100_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
109Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-010574 MA-COM-MADR-010574 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-010574 MA-COM-MADR-010574_15 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-010574-V1 MA-COM-MADR-010574-V1 Datasheet
473Kb / 7P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100_V5 MA-COM-MADR-008888-000100_V5 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
142Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100_15 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
logo
Tyco Electronics
MADRMA0002 MACOM-MADRMA0002 Datasheet
422Kb / 5P
   Quad Bias Driver for GaAs FET and PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com