Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-010382-CF0A40 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-010382-CF0A40
Description  Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-010382-CF0A40 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MACP-010382-CF0A40_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-010382-CF0A40_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-010382-CF0A40_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-010382-CF0A40_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Coupler, 15dB
4 MHz - 862 MHz
Rev. V2
MACP-010382-CF0A40
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Conditions
Units
Min
Typ
Max
Frequency Range
MHz
4
862
Impedance
-
75
Coupling
4 - 862 MHz
dB
-
15
±1.0
Main Line Loss
4 - 862 MHz
dB
-
0.7
1.0
Input Return Loss
4 - 862 MHz
dB
18
30
-
Output Return Loss
4 - 862 MHz
dB
18
22
-
Coupled Return Loss
4 - 862 MHz
dB
18
24
-
Isolation
4 - 862 MHz
dB
28
33
-
Features
♦ 15dB Coupler
♦ Surface mount
♦ Available on tape and reel
♦ 260ºC reflow compatible
♦ RoHS Compliant and Pb free
♦ Excellent temperature stability
Pin No.
Function
1
Input
2
Ground
3
Coupled
4
Isolated, External 75Ω
6
Output
Pin Configuration
Schematic
Electrical Specifications:
Z0 = 75Ω, TA = 25°C, Pin = 0dBm


Similar Part No. - MACP-010382-CF0A40_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010382-CF0A40 MA-COM-MACP-010382-CF0A40 Datasheet
121Kb / 4P
   Coupler, 15dB
MACP-010382-CF0A40 MA-COM-MACP-010382-CF0A40 Datasheet
121Kb / 4P
   Coupler, 15dB
More results

Similar Description - MACP-010382-CF0A40_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
   Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
   Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
   Coupler
07.13
logo
American Accurate Compo...
JXWBOH-T-450-890-7 AAC-JXWBOH-T-450-890-7 Datasheet
41Kb / 1P
   Coupler
JXWBOH-T-450-890-10 AAC-JXWBOH-T-450-890-10 Datasheet
45Kb / 1P
   Coupler
logo
M/A-COM Technology Solu...
MACP-010383-CH0A40 MA-COM-MACP-010383-CH0A40_15 Datasheet
121Kb / 4P
   Coupler
MACP-010389-CE0880 MA-COM-MACP-010389-CE0880_15 Datasheet
120Kb / 4P
   Coupler
logo
Pulse A Technitrol Comp...
CX3201NL PULSE-CX3201NL Datasheet
159Kb / 2P
   COUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com