Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1329-50 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1329-50
Description  Micropower 8-Bit Current Output D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1329-50 Datasheet(HTML) 8 Page - Linear Technology

  LTC1329-50 Datasheet HTML 1Page - Linear Technology LTC1329-50 Datasheet HTML 2Page - Linear Technology LTC1329-50 Datasheet HTML 3Page - Linear Technology LTC1329-50 Datasheet HTML 4Page - Linear Technology LTC1329-50 Datasheet HTML 5Page - Linear Technology LTC1329-50 Datasheet HTML 6Page - Linear Technology LTC1329-50 Datasheet HTML 7Page - Linear Technology LTC1329-50 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1329-10/
LTC1329-50/LTC1329A-50
1329f LT/TP 0297 5K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
Digitally Controlled Power Supply Adjustment
1
2
8
7
DOUT
DIN
IOUT
VCC
SHDN
CLK
LTC1329-50
GND
CS
47
µF
1329 TA03
VOUT
5V (150mA) TO
30V (14mA)
VIN
3V
510k
3
4
6
5
100
µF
LT1107
1N5817
L1*
33
µH
*COILTRONICS CTX33-4
ILIM
VIN
FB
SW2
GND
SW1
47
22k
MPU
(e.g., 8051)
P1.2
P1.1
P1.0
+
+
PART NUMBER
DESCRIPTION
COMMENTS
LTC1451
12-Bit Micropower Serial Input VOUT DAC
Higher Resolution, 8-Pin SO
LTC1452
12-Bit Multiplying Serial Input VOUT DAC
Higher Resolution, 8-Pin SO
LTC8043
12-Bit Multiplying Serial Input IOUT DAC
Higher Resolution, 8-Pin SO
RELATED PARTS
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Pulse Mode: Increment-Only
(1-Wire Control by CLK) with Voltage Output
1
2
SHDN
CLK
VBIAS
RFB
100k
8
7
DOUT
DIN
IOUT
VCC
SHDN
CLK
LTC1329
VCC
VEE
6
7
2
3
4
GND
CS
1329 TA02
VOUT
VOUT = (–IOUT)(RFB + VBIAS)
VEE < VBIAS + VOUT
3
4
6
5
LT1006
0.1
µF
FOR VCC = 3.3V, –15V ≤ VBIAS ≤ 2V
FOR VCC = 5V, –15V ≤ VBIAS ≤ 2.5V
TYPICAL APPLICATIONS
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**


Similar Part No. - LTC1329-50

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329-50 LINER-LTC1329-50 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-50 AD-LTC1329-50 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
More results

Similar Description - LTC1329-50

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1329A-50 LINER-LTC1329A-50_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10 Datasheet
244Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
LTC1329-10 LINER-LTC1329-10_15 Datasheet
228Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Analog Devices
LTC1329-10 AD-LTC1329-10 Datasheet
121Kb / 8P
   Micropower 8-Bit Current Output D/A Converter
logo
Linear Technology
LTC1428-50 LINER-LTC1428-50 Datasheet
235Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
LTC1428-50 LINER-LTC1428-50_15 Datasheet
221Kb / 8P
   Micropower 8-Bit Current Sink Output D/A Converter
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC100 AD-DAC100 Datasheet
178Kb / 5P
   10-Bit Current output D to A Converter
logo
Sipex Corporation
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com