Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1263 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1263
Description  12V, 60mA Flash Memory Programming Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263 Datasheet(HTML) 8 Page - Linear Technology

  LTC1263 Datasheet HTML 1Page - Linear Technology LTC1263 Datasheet HTML 2Page - Linear Technology LTC1263 Datasheet HTML 3Page - Linear Technology LTC1263 Datasheet HTML 4Page - Linear Technology LTC1263 Datasheet HTML 5Page - Linear Technology LTC1263 Datasheet HTML 6Page - Linear Technology LTC1263 Datasheet HTML 7Page - Linear Technology LTC1263 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1263
1263f LT/MP 0397 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
5V to 3.3V/5A Converter with 12V/60mA Auxiliary Output
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1044A
12V CMOS Voltage Converter
1.5V to 12V Supply Range, 95% Efficiency,
±VOUT
LT1106/LT1107/LT1108
Micropower DC/DC Converter, 5V and 12V
Adjustable VOUT from VIN = 3V, Use Inductor
LTC 1262
12V, 30mA Flash Memory Program Supply
1/2 Source Current as LTC1263, Cannot Short VOUT to GND
LT1301/LT1302/LT1303
Micropower High Efficiency 5V/12V, DC/DC Converter
5V at 600mA or 12V at 120mA, Use Inductor
LT1312
Single PCMCIA VPP Driver/Regulator
120mA Output, Current Limit, Thermal Shutdown
LTC1429
Regulating Positive to Negative Charge Pump
Fixed – 4.1V or Adjustable Output, No Inductors
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1
C1+
C2
C2+
LTC1263
3
10
6
4
11
1
8
7
14
12
P DRIVE
SENSE
+
SENSE
N DRIVE
PGND
VIN
SHDN
ITH
CT
SGND
LTC1148-3.3
0.47
µF
0.47
µF
LTC1263 • TA07
10
µF
VOUT
12V
60mA
SHUTDOWN
150pF
3300pF
510
1000pF
22k
100
100
VN2222
TP0610
Si4410DY
Si4410DY
MBRS120T3
3
µH
10A
0.01
2W
330
µF
6.3V
0S-CON
× 2
220
µF*
8V
× 3
Burst Mode
TM OPERATION
DEFEAT; USE IF REQUIRED
VOUT
3.3V
5A
VIN
5V
*PANASONIC BCGCOKB220R OR EQUIVALENT
Burst Mode IS A TRADEMARK OF LINEAR TECHNOLOGY CORPORATION.
10
µF
+
+
0.1
µF
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com


Similar Part No. - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263CS8 LINER-LTC1263CS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
More results

Similar Description - LTC1263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
   12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
   12,120mA Flash Memory Programming Supply
Rev 2; 1/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com