Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD3729D Datasheet(PDF) 6 Page - NEC

Part # UPD3729D
Description  5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3729D Datasheet(HTML) 6 Page - NEC

Back Button UPD3729D Datasheet HTML 2Page - NEC UPD3729D Datasheet HTML 3Page - NEC UPD3729D Datasheet HTML 4Page - NEC UPD3729D Datasheet HTML 5Page - NEC UPD3729D Datasheet HTML 6Page - NEC UPD3729D Datasheet HTML 7Page - NEC UPD3729D Datasheet HTML 8Page - NEC UPD3729D Datasheet HTML 9Page - NEC UPD3729D Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
µPD3729
6
INPUT PIN CAPACITANCE (TA = +25
°C, VOD = 12 V)
Parameter
Symbol Pin name Pin No.
MIN.
TYP.
MAX.
Unit
Shift register clock pin capacitance 1
Cφ1
φ1
9
500
800
pF
15
500
800
pF
Shift register clock pin capacitance 2
Cφ2
φ2
10
500
800
pF
16
500
800
pF
Last stage shift register clock pin capacitance
CφL
φ1L
19
50
pF
Reset gate clock pin capacitance
CφRB
φRB
6
50
pF
Reset feed-through level clamp clock pin capacitance
CφCLB
φCLB
20
50
pF
Transfer gate clock pin capacitance
CφTG
φTG1
14
70
pF
φTG2
13
70
pF
φTG3
11
70
pF
Remark
Pins 9 and 15 (
φ1), 10 and 16 (φ2) are each connected inside of the device.


Similar Part No. - UPD3729D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3729D RENESAS-UPD3729D Datasheet
239Kb / 22P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD3729D

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3799 NEC-UPD3799 Datasheet
114Kb / 20P
   5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com