Electronic Components Datasheet Search |
|
SK1045 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd. |
|
SK1045 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd. |
1 / 2 page SYMBOL UNIT VRRM V VRMS V VDC V IF A VF V CJ pF RθJC °C/W TJ °C TSTG °C NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC 380 Typical thermal resistance Typical junction capacitance(NOTE1) 0.5 0.2 15.0 25.0 65 46 65 100 70 100 45 32 45 PARAMETER Operating temperature range Storage temperature range 10.0 IFSM 150.0 -65 to +150 Maximum repetitive peak reverse voltage 75 IR Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current, 8.3ms single half -50 to +125 A 0.55 sine-wave superimposed on rated load Maximum instantaneous IF=10A @ 25°C mA Maximum DC reverse current @ TA=25°C at rated DC blocking voltage @ TA=100°C 0.85 0.70 SK1045 SK1065 SK10100 Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Features For surface mounted application Metal to silicon rectifier, majority carrier conduction Low forward voltage drop Easy pick and place High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: 260 oC / 10 seconds at terminals Mechanical Data Case: Molded plastic Terminals: Pure tin plated, lead free. Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.235 gram approximately Unit: inch (mm) SMC/DO-214AB .280(7.11) .012(.305) .008(.203) .320(8.13) .050(1.27) .260(6.60) .006(.152) .002(.051) .305(7.75) .030(0.76) ® SK1045 thru SK10100 Pb SK1045 thru SK10100 10 Ampere Surface Mount Type Schottky Barrier Rectifier Diodes Pb Free Plating Product © 2006 Thinki Semiconductor Co.,Ltd. http://www.thinkisemi.com/ Page 1/2 Rev.05 |
Similar Part No. - SK1045 |
|
Similar Description - SK1045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |