Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1059 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1059
Description  High Performance Switched Capacitor Universal Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059 Datasheet(HTML) 6 Page - Linear Technology

  LTC1059 Datasheet HTML 1Page - Linear Technology LTC1059 Datasheet HTML 2Page - Linear Technology LTC1059 Datasheet HTML 3Page - Linear Technology LTC1059 Datasheet HTML 4Page - Linear Technology LTC1059 Datasheet HTML 5Page - Linear Technology LTC1059 Datasheet HTML 6Page - Linear Technology LTC1059 Datasheet HTML 7Page - Linear Technology LTC1059 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1059
6
1059fd
Graph 19. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Q
Graph 20. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Q
Graph 21. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 22. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 23. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 24. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 25. Mode 1c (R5 = 0),
Mode 2 (R2 = R4): Q Error vs
Clock Frequency
Graph 26. Supply Current
vs Supply Voltage
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
1059 G19
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
–0.2
–0.4
= 100:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 5
Q = 10
Q = 20
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
1059 G20
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
–0.2
–0.4
= 50:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 5
Q = 10
Q = 20
Q = 50
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
1059 G21
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
fCLK
f0
= 100:1
VS= ±5V
Q = 10
–55°C
TA = 25°C
125°C
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
1059 G22
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
fCLK
f0
= 50:1
VS= ±5V
Q = 10
–55°C
TA = 25°C
125°C
fCLK (MHz)
0
0
0.2
0.4
0.6
0.2
0.4
0.6
0.8
1059 G23
1.0
1.2
0.8
–55°C
85°C
= 100:1
fCLK
f0
VS= ±2.5V
Q = 10
–0.2
–0.4
TA = 25°C
125°C
fCLK (MHz)
0
0
0.2
0.4
0.6
0.2
0.4
0.6
0.8
1059 G24
1.0
1.2
0.8
–55°C
85°C
= 50:1
fCLK
f0
VS= ±2.5V
Q = 10
–0.2
–0.4
TA = 25°C
125°C
fCLK (MHz)
0.2
10
10
0
20
0.6
1.0 1.2
2.0
1059 G25
20
0
0.4
0.8
1.4 1.6 1.8
= 35.35:1
fCLK
f0
= 70.7:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 20
MODE 2
R2 = R4
Q = 20
Q = 10
MODE 1C
MODE 2
R2 = R4
Q = 20
Q = 10
MODE 1C
Q = 20
POWER SUPPLY VOLTAGE (±V)
10
9
8
7
6
5
4
3
2
1
0
1059 G26
TA = 125°C
TA = –55°C
TA = 25°C
±3
±5
±7
±9
±2
±1
±4
±6
±8
±10
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059AC LINER-LTC1059AC Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059ACJ LINER-LTC1059ACJ Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059ACJ LINER-LTC1059ACJ Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
More results

Similar Description - LTC1059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
   HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
   MF5 Universal Monolithic Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com