Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1050 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1050
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1050 Datasheet HTML 5Page - Linear Technology LTC1050 Datasheet HTML 6Page - Linear Technology LTC1050 Datasheet HTML 7Page - Linear Technology LTC1050 Datasheet HTML 8Page - Linear Technology LTC1050 Datasheet HTML 9Page - Linear Technology LTC1050 Datasheet HTML 10Page - Linear Technology LTC1050 Datasheet HTML 11Page - Linear Technology LTC1050 Datasheet HTML 12Page - Linear Technology LTC1050 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1050
1050fb
S
APPLICATI
TYPICAL
Single Supply Thermocouple Amplifier
+
LTC1050
7
5V
0.068µF
0°C ~ 100°C TEMPERATURE RANGE
100Ω
1k
1%
2
3
1050 TA04
7
2
45
5V
4
0.1µF
TYPE K
+
6
VOUT
10mV/°C
255k
1%
K
LT1025A
GND
R
+
LTC1050
7
1050 TA06
5V
TYPE K
2
LT1004-1.2
3
4
100k
1%
6
5V = NO AIR FLOW
0V = AIR FLOW
1k
AMBIENT
TEMPERATURE
STILL AIR
10k
43.2Ω
1%
240Ω
+
+
AIR FLOW
Air Flow Detector
+
LTC1050
7
0.33µF
10µF
0°C ~ 500°C TEMPERATURE RANGE
2°C MAX ERROR
*THERMOCOUPLE LINEARIZATION CODE AVAILABLE FROM LTC
1k
0.1%
6
2
4
2
3
1050 TA05
8
2
45
4
1µF
LTC1092
TO µP*
1µF
TYPE J
+
6
0.1µF
178k
0.1%
1N4148
3.4k
1%
47Ω
J
LT1025A
GND
R
VIN
CS
+IN
–IN
GND
VCC
CLK
DOUT
VREF
1
2
3
4
8
7
6
5
LT1021C-5
VIN = 9V
+
Battery-Operated Temperature Monitor with 10-Bit Serial Output A/D


Similar Part No. - LTC1050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050 LINER-LTC1050 Datasheet
814Kb / 16P
   Precision Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050 Datasheet
182Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LTC1050 LINER-LTC1050 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC1050 LINER-LTC1050 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC1050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053 LINER-LTC1053_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com