Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1815 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PA1815
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA1815 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PA1815_15 Datasheet HTML 1Page - Renesas Technology Corp PA1815_15 Datasheet HTML 2Page - Renesas Technology Corp PA1815_15 Datasheet HTML 3Page - Renesas Technology Corp PA1815_15 Datasheet HTML 4Page - Renesas Technology Corp PA1815_15 Datasheet HTML 5Page - Renesas Technology Corp PA1815_15 Datasheet HTML 6Page - Renesas Technology Corp PA1815_15 Datasheet HTML 7Page - Renesas Technology Corp PA1815_15 Datasheet HTML 8Page - Renesas Technology Corp PA1815_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
MOS FIELD EFFECT TRANSISTOR
µµµµPA1815
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
D13805EJ3V0DS00 (3rd edition)
Date Published
May 2001 NS CP(K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
DESCRIPTION
The
µPA1815 is a switching device which can be
driven directly by a 2.5-V power source.
The
µPA1815 features a low on-state resistance and
excellent switching characteristics, and is suitable for
applications such as power switch of portable machine
and so on.
FEATURES
• Can be driven by a 2.5-V power source
• Low on-state resistance
RDS(on)1 = 15 m
Ω MAX. (VGS = –4.5 V, ID = –3.5 A)
RDS(on)2 = 16 m
Ω MAX. (VGS = –4.0 V, ID = –3.5 A)
RDS(on)3 = 19 m
Ω MAX. (VGS = –3.3 V, ID = –3.5 A)
RDS(on)4 = 23 m
Ω MAX. (VGS = –2.5 V, ID = –3.5 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µPA1815GR-9JG
Power TSSOP8
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
VDSS
–20
V
Gate to Source Voltage
VGSS
±12
V
Drain Current (DC)
ID(DC)
±7
A
Drain Current (pulse)
Note1
ID(pulse)
±26
A
Total Power Dissipation
Note2
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Mounted on ceramic substrate of 5000 mm
2 x 1.1 mm
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit : mm)
14
85
6.4 ±0.2
4.4 ±0.1
1.0 ±0.2
0.1
1, 5, 8
: Drain
2, 3, 6, 7: Source
4
: Gate
0.8 MAX.
3.15 ±0.15
3.0 ±0.1
0.65
0.10 M
0.27
+0.03
–0.08
0.25
0.5
3
°+5°
–3
°
0.6
+0.15
–0.1
1.2 MAX.
0.1±0.05
1.0±0.05
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Similar Part No. - PA1815_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA1814 RENESAS-PA1814_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - PA1815_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com