Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1047 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1047
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1047_15 Datasheet HTML 4Page - Linear Technology LTC1047_15 Datasheet HTML 5Page - Linear Technology LTC1047_15 Datasheet HTML 6Page - Linear Technology LTC1047_15 Datasheet HTML 7Page - Linear Technology LTC1047_15 Datasheet HTML 8Page - Linear Technology LTC1047_15 Datasheet HTML 9Page - Linear Technology LTC1047_15 Datasheet HTML 10Page - Linear Technology LTC1047_15 Datasheet HTML 11Page - Linear Technology LTC1047_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1047
1047fa
4mA to 20mA Transducer Amplifier
INPUT
0V TO 1V
INITIAL ACCURACY = 3% (LIMITED BY REFERENCE IN LT1120)
TRIM R1 FOR 4.00mA WITH 0.00V IN
TRIM R2 FOR 20.0mA WITH 1.00V IN
TO
LOOP
TO
LOOP
49.9Ω
1%
R2
61.9k
1%
R1
619K
1%
49.9k
1%
LTC1047 • TA04
2
1
5
8
13
7
6
1M
1k
2N2222
1M
4
2
3
7
8
4
5
6
+
1/2
LTC1047
+
1/2
LTC1047
LT1120
0.1µF
10µF
1000pF
+
TYPICAL APPLICATIO S


Similar Part No. - LTC1047_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1047C LINER-LTC1047C Datasheet
404Kb / 7P
   Dual Micropower Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1047CN8 LINER-LTC1047CN8 Datasheet
404Kb / 7P
   Dual Micropower Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1047CN8 LINER-LTC1047CN8 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047CS LINER-LTC1047CS Datasheet
404Kb / 7P
   Dual Micropower Chopper Stabilized Operational Amplifier with Internal Capacitors
LTC1047CSW LINER-LTC1047CSW Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1047_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053 LINER-LTC1053_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com