Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1042 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1042
Description  Window Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1042 Datasheet(HTML) 3 Page - Linear Technology

  LTC1042 Datasheet HTML 1Page - Linear Technology LTC1042 Datasheet HTML 2Page - Linear Technology LTC1042 Datasheet HTML 3Page - Linear Technology LTC1042 Datasheet HTML 4Page - Linear Technology LTC1042 Datasheet HTML 5Page - Linear Technology LTC1042 Datasheet HTML 6Page - Linear Technology LTC1042 Datasheet HTML 7Page - Linear Technology LTC1042 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1042
1042fa
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
REXT
External Timing Resistor
Resistor connected between V +
100
10,000
kΩ
and OSC Pin
fS
Sampling Frequency
V+ = 5V, TA = 25°C5
Hz
REXT =1MΩ, CEXT = 0.1µF
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Applies over input voltage range limit and includes gain
uncertainty.
Note 3: Center error = [(VU +VL)/2 – CENTER] (where VU = upper band
limit and VL = lower band limit).
Note 4: Width error = (VU –VL – 2 • WIDTH/2) (where VU = upper band
limit and VL = lower band limit).
Note 5: RIN is guaranteed by design and is not tested. RIN = 1/(fS x 66pF).
Note 6: Average supply current = TD • lS(ON) • fS + (1 –TD fS) IS(OFF).
Note 7: Response time is set by an internal oscillator and is independent
of overdrive voltage. TD is guaranteed by correlation test and is not directly
measured.
TYPICAL PERFOR A CE CHARACTERISTICS
Normalized Sampling Frequency
vs V+, Temperature
IS(ON) vs V
+
SUPPLY VOLTAGE, V+ (V)
2
0
2
6
8
10
20
14
6
10
12
LTC1042 • TPC01
4
16
18
12
4
8
14
16
25°C
125°C
–55°C
SUPPLY VOLTAGE, V+
(V)
0
1.4
1.8
16
LTC1042 • TPC02
1.0
0.6
4
8
12
2
6
10
14
2.2
1.2
1.6
0.8
2.0
TA = 125°C
TA = 25°C
TA = –55°C
R = 1M, C = 0.1µF
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Response Time vs Temperature
RIN vs Sampling Frequency
AMBIENT TEMPERATURE, TA (°C)
–50
40
50
70
80
90
50
130
LTC1042 • TPC05
60
0
–25
100
75
25
125
100
110
120
V+ = 5V
SAMPLING FREQUENCY, fS (Hz)
1
107
109
1011
102
104
103
10
LTC1042 • TPC06
108
1010
SUPPLY VOLTAGE, V+ (V)
2
90
100
110
812
LTC1042 • TPC04
80
70
46
10
14
16
60
50
TA = 25°C
Response Time vs Supply Voltage
Sampling Rate vs REXT CEXT
ELECTRICAL CHARACTERISTICS
REXT (Ω)
100k
0.1
1
10
102
103
1M
10M
LTC1042 • TPC03
CEXT = 1000pF
CEXT = 0.01µF
CEXT = 0.1µF
CEXT = 1µF
CEXT = 0.05µF


Similar Part No. - LTC1042

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042 Datasheet
172Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1042C LINER-LTC1042C Datasheet
576Kb / 8P
   Window Comparator
LTC1042CN8 LINER-LTC1042CN8 Datasheet
576Kb / 8P
   Window Comparator
More results

Similar Description - LTC1042

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
   Window Comparator
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
   High Speed Window Comparator
REV. A
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
   High Speed Window Comparator
REV. A
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
   10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD1317 AD-AD1317 Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
   High Speed, 10 GHz Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com