Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP22N055HLE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP22N055HLE
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP22N055HLE Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP22N055HLE_15 Datasheet HTML 1Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 2Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 3Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 4Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 5Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 6Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 7Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 8Page - Renesas Technology Corp NP22N055HLE_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet D14136EJ4V0DS
3
NP22N055HLE, NP22N055ILE, NP22N055SLE
TYPICAL CHARACTERISTICS (TA = 25°C)
Figure1. DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
0
25
50
75
100
125
150
175
200
20
40
60
80
100
TC - Case Temperature - ˚C
Figure2. TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature - ˚C
0
0
25
50
75
100
125
150
175
200
70
60
50
40
30
20
10
Figure3. FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
1
0.1
10
100
1000
1
10
100
TC = 25˚C
Single Pulse
0.1
ID(pulse)
PW
= 10
µs
100
µs
1 ms
DC
R
DS(on)
Limited
(at
V
GS
=
10
V)
ID(DC)
Power
Dissipation
Limited
Figure4. SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
0
25
5
10
15
20
25
30
50
75
100
125
150
175
IAS = 5 A
14 A
25 mJ
19 mJ
PW - Pulse Width - s
Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
TC = 25˚C
10
100
Rth(ch-C) = 3.33 ˚C/W
µ
µ
Rth(ch-A) = 125 ˚C/W


Similar Part No. - NP22N055HLE_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP22N055HLE VBSEMI-NP22N055HLE Datasheet
961Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
NP22N055HLE RENESAS-NP22N055HLE Datasheet
297Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2005
More results

Similar Description - NP22N055HLE_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com