Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1308 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1308
Description  Single Cell High Current Micropower 600kHz Boost DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308 Datasheet(HTML) 8 Page - Linear Technology

  LT1308 Datasheet HTML 1Page - Linear Technology LT1308 Datasheet HTML 2Page - Linear Technology LT1308 Datasheet HTML 3Page - Linear Technology LT1308 Datasheet HTML 4Page - Linear Technology LT1308 Datasheet HTML 5Page - Linear Technology LT1308 Datasheet HTML 6Page - Linear Technology LT1308 Datasheet HTML 7Page - Linear Technology LT1308 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1308
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com
1308i LT/TP 0198 4K • PRINTED IN USA
TYPICAL APPLICATION
Digital Camera Power Supply
2-4 Cell to 3.3V/175mA, 5V/175mA, 18V/10mA, – 10V/10mA
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1163
Triple High Side Driver for 2-Cell Inputs
1.8V Minimum Input, Drives N-Channel MOSFETs
LTC1174
Micropower Step-Down DC/DC Converter
94% Efficiency, 130
µA IQ, 9V to 5V at 300mA
LT1302
High Output Current Micropower DC/DC Converter
5V/600mA from 2V, 2A Internal Switch, 200
µA IQ
LT1304
2-Cell Micropower DC/DC Converter
Low-Battery Detector Active in Shutdown, 5V at 200mA for 2 Cells
LT1307
Single Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from 1 Cell, MSOP Package
LT1316
Micropower DC/DC Converter with Programmable Peak
Works with High Source Impedance, 1.5V Minimum Input, Low-Battery
Current Limit
Detector Active in Shutdown, 33
µA IQ, MSOP Package
LTC1440/1/2
Ultralow Power Single/Dual Comparators with Reference
2.8
µA IQ, Adjustable Hysteresis
LTC1516
2-Cell to 5V Regulated Charge Pump
12
µA IQ, No Inductors, 5V at 50mA from 3V Input
LT1521
Micropower Low Dropout Linear Regulator
500mV Dropout, 300mA Current, 12
µA IQ
RELATED PARTS
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
SO8 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
VIN
SW
FB
LT1308
L1A
N = 1
10
µH
L1C
N = 0.3
R4
47k
R1
100k
5V
175mA
3.3V
175mA
CCD BIAS
–10V
10mA
CCD BIAS
18V
10mA
VIN
1.6V
TO 6V
R3
340k
R2
2.08M
D1
C7
22nF
C8
1nF
1308 TA01
C6
10
µF
VC
GND
SHDN
C1, C2, C3 = AVX TPS
C4, C5 = AVX TAJ
C6 = CERAMIC
1
8
2
3
L1B
N = 0.7
3
4
C2
100
µF
C1
100
µF
+
D2
D3
D4
+
C3
100
µF
+
C4
10
µF
+
C5
10
µF
+
L1D
N = 3.5
7
6
L1E
N = 2
6
5
D1, D2 = IR10BQ015
D3, D4 = BAT-85
L1 = COILTRONICS CTX02-13973


Similar Part No. - LT1308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308ACF LINER-LT1308ACF Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308ACF LINER-LT1308ACF Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443_15 Datasheet
233Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com