Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5131-25 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5131-25
Description  Electrically Isolated Top Tab or Z Tab SIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5131-25 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5131-25_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Current Limit
Output Noise
Shutdown Output Current
Thermal Resistance
Thermal Shutdown
Max.
±1.0
±2.0
175
600
±1.0
±2.0
±0.5
±1.0
5.0
45
-
-
-
0.8
600
2
500
2.4
-
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Ground Current
Enable Input Voltage
Enable Input Current
Storage Temperature Range
Lead Temperature
(10 Seconds Soldering)
Operating Temperature
MSK 5131 Series
MSK 5131H Series
%
%
mV
mV
%
%
%
%
A
mA
mA
μV
V
V
μA
μA
μA
°C/W
°C
ΔVOUT=-1%; IOUT=100mA
ΔVOUT=-1%; IOUT=3A
VIN=VOUT+1.5V
10mA ≤ IOUT ≤ 2.5A
(VOUT +1V) ≤ VIN ≤ 26V
IOUT=10mA
VOUT=0V; VIN=VOUT+1V
VIN=VOUT+1V; IOUT=1.5A
VIN=VOUT+1V; IOUT=3A
CL=20μF; 10Hz ≤ f ≤ 100KHz
VENABLE ≤ 0.8V
Junction to Case @ 125°C
TJ
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
VINP
VIN
VEN
IOUT
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
1
Test Conditions
1
2
3
4
5
6
7
8
9
10
NOTES:
Output decoupled to ground using 27μF minimum capacitance unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures. See typical performance curves for clarification.
The output current limit function provides protection from transient overloads but it may exceed the maximum continuous rating.
Continuous operation in current limit may damage the device.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TC=+25°C
TJ=+125°C
TA=-55°C
HIGH/ON
LOW/OFF
HIGH/ON
LOW/OFF
MSK 5131H SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Typ.
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
4.5
20
42
400
1.2
1.2
20
-
10
2.1
135
Typ.
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
4.5
20
42
400
1.2
1.2
20
-
10
2.1
135
MSK 5131 SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Max.
±1.0
-
200
625
±1.2
-
±0.6
-
5.0
45
-
-
-
0.8
600
2
500
2.5
-
Units
2
2
2
2
3
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
-
-
-
-
1
1
1
1
-
-
-
2
IOUT=10mA; VIN=VOUT+1V
2
-20V to +60V
26V
-0.3V to 26V
3.0A
2
2
2
2
8
10
9
8548-49 Rev. D 4/12


Similar Part No. - MSK5131-25_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5131-2.5ETD MSK-MSK5131-2.5ETD Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5ETS MSK-MSK5131-2.5ETS Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5ETU MSK-MSK5131-2.5ETU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5EZD MSK-MSK5131-2.5EZD Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5EZS MSK-MSK5131-2.5EZS Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5131-25_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-17 MSK-MSK5116-17_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-33 MSK-MSK5116-33_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5130-33 MSK-MSK5130-33_15 Datasheet
136Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-18 MSK-MSK5131-18_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-50 MSK-MSK5116-50_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-17 MSK-MSK5131-17_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-120 MSK-MSK5131-120_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-25 MSK-MSK5116-25_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-50 MSK-MSK5131-50_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-19 MSK-MSK5116-19_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com