Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5116-50 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5116-50
Description  Electrically Isolated Top Tab or Z Tab SIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5116-50 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5116-50_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5116-50_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5116-50_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5116-50_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5116-50_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINK SELECTION:
To select a heat sink for the MSK 5116, the following formula
for convective heat flow may be used.
Governing Equation:
Tj = Pd x (Rθjc + Rθcs + Rθsa) + Ta
WHERE:
Tj = Junction Temperature
Pd = Total Power Dissipation
Rθjc = Junction to Case Thermal Resistance
Rθcs = Case to Heat Sink Thermal Resistance
Rθsa = Heat Sink to Ambient Thermal Resistance
Ta = Ambient Temperature
REGULATOR PROTECTION:
The MSK 5116 series is fully protected against reversed input
polarity, overcurrent faults, overtemperature conditions (Pd) and
transient voltage spikes of up to 60V. If the regulator is used
in dual supply systems where the load is returned to a negative
supply, the output voltage must be diode clamped to ground.
First, the power dissipation must be calculated as follows:
Power Dissipation = (Vin - Vout) x Iout
Next, the user must select a maximum junction temperature.
The absolute maximum allowable junction temperature is 125°C.
The equation may now be rearranged to solve for the required
heat sink to ambient thermal resistance (Rθsa).
EXAMPLE:
An MSK 5116-3.3 is configured for Vin=+5V and
Vout=+3.3V. Iout is a continuous 1A DC level. The ambient
temperature is +25°C. The maximum desired junction tem-
perature is 125°C.
Rθjc = 3.6°C/W and Rθcs = 0.15°C/W for most thermal greases
Power Dissipation = (5V - 3.3V) x (1A)
= 1.7 Watts
Solve for Rθsa:
Rθsa = 125°C - 25°C
- 3.6°C/W - 0.15°C/W
In this example, a heat sink with a thermal resistance of no
more than 55°C/W must be used to maintain a junction tem-
perature of no more than 125°C.
DEVICE/CASE CONNECTION:
The MSK 5116 series are highly thermally conductive devices
and the thermal path from the package heat sink to the internal
junctions is very short. Since the case is electrically isolated
from the internal circuitry, the package can be directly con-
nected to a heat sink.
ENABLE PIN
The MSK 5116 series of voltage regulators are equipped with a
TTL compatible ENABLE pin. A TTL high level on this pin acti-
vates the internal bias circuit and powers up the device. A TTL
low level on this pin places the controller in shutdown mode
and the device draws approximately 10μA of quiescent current.
If the enable function is not used, simply connect the enable pin
to the input.
LOAD CONNECTIONS
In voltage regulator applications where very large load cur-
rents are present, the load connection is very important. The
path connecting the output of the regulator to the load must be
extremely low impedance to avoid affecting the load regulation
specifications. Any impedance in this path will form a voltage
divider with the load.
OUTPUT CAPACITOR:
The output voltage ripple of the MSK 5116 series voltage regu-
lators can be minimized by placing a filter capacitor from the
output to ground. The optimum value for this capacitor may
vary from one application to the next, but a minimum of 10μF
is recommended for optimum performance. This capacitor need
not be an expensive low ESR type: aluminum electrolytics are
adequate. In fact, extremely low ESR capacitors may contrib-
ute to instability. Tantalum capacitors are recommended for
systems where fast load transient response is important. Tran-
sient load response can also be improved by placing a capaci-
tor directly across the load.
1.7W
3
= 55.07°C/W
8548-51 Rev. B 4/12


Similar Part No. - MSK5116-50_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-5.0ETD MSK-MSK5116-5.0ETD Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-5.0ETS MSK-MSK5116-5.0ETS Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-5.0ETU MSK-MSK5116-5.0ETU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-5.0EZD MSK-MSK5116-5.0EZD Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-5.0EZS MSK-MSK5116-5.0EZS Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5116-50_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-17 MSK-MSK5116-17_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-33 MSK-MSK5116-33_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5130-33 MSK-MSK5130-33_15 Datasheet
136Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-18 MSK-MSK5131-18_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-17 MSK-MSK5131-17_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-120 MSK-MSK5131-120_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-25 MSK-MSK5116-25_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-50 MSK-MSK5131-50_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-19 MSK-MSK5116-19_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com