Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1118 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1118
Description  800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118 Datasheet(HTML) 6 Page - Linear Technology

  LT1118_15 Datasheet HTML 1Page - Linear Technology LT1118_15 Datasheet HTML 2Page - Linear Technology LT1118_15 Datasheet HTML 3Page - Linear Technology LT1118_15 Datasheet HTML 4Page - Linear Technology LT1118_15 Datasheet HTML 5Page - Linear Technology LT1118_15 Datasheet HTML 6Page - Linear Technology LT1118_15 Datasheet HTML 7Page - Linear Technology LT1118_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT1118/LT1118-2.5/
LT1118-2.85/LT1118-5
6
1118fd
OPERATION
SCSI Active Terminator
connected to the die substrate. Table 1 shows measured
thermal resistance from junction to ambient for the LT1118
connected to various sized PC board ground planes. The
power dissipated in the LT1118 varies with input voltage
and loading. When the regulator is sourcing current the
power which must be dissipated by the package is:
PD = (VIN – VOUT) • ILOAD
When the regulator is sinking load current, power dissipa-
tion is nearly independent of VIN and can be calculated
as:
PD = VOUT • ILOAD
Heat sinking to the IC package must consider the worst
case power dissipation which may occur.
Table 1. Measured Thermal Resistance from Junction to Ambient
for the LT1118
S8 Package
SOT-223
Free Air
1 Sq Inch Copper
120°C/W
55°C/W
95°C/W
53°C/W
4 Sq Inch Copper
35°C/W
38°C/W
TYPICAL APPLICATIONS
Power Supply Splitter
LT1118-2.85
GND
IN
27 LINES
2.2μF
5V
1μF
110Ω
110Ω
1118 TA03
110Ω
110Ω
110Ω
TERMPWR
OUT
+
LT1118-2.5
GND
IN
1μF
1118 TA04
5V
ANALOG
COMMON
2.5V
VIN
5V
OUT
1μF


Similar Part No. - LT1118_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118-2.5 LINER-LT1118-2.5 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
More results

Similar Description - LT1118_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118-2.85 LINER-LT1118-2.85_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com