Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1109A Datasheet(PDF) 3 Page - Linear Technology

Part # LT1109A
Description  Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1109A Datasheet(HTML) 3 Page - Linear Technology

  LT1109A_15 Datasheet HTML 1Page - Linear Technology LT1109A_15 Datasheet HTML 2Page - Linear Technology LT1109A_15 Datasheet HTML 3Page - Linear Technology LT1109A_15 Datasheet HTML 4Page - Linear Technology LT1109A_15 Datasheet HTML 5Page - Linear Technology LT1109A_15 Datasheet HTML 6Page - Linear Technology LT1109A_15 Datasheet HTML 7Page - Linear Technology LT1109A_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1109A
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–50
160
140
120
100
80
60
–25
025
50
1109A G02
75
100
Efficiency
Oscillator Frequency
Duty Cycle
Switch Saturation Voltage
Switch Saturation Voltage
TEMPERATURE (°C)
80
75
70
65
60
55
50
1109A G03
–50
–25
0
25
50
75
100
INPUT VOLTAGE (V)
4.2
5.8
1109A G01
4.6
5.0
5.4
90
85
80
75
70
4.4
4.8
5.2
5.6
VIN = 5V
VOUT = 12V
LOAD = 120mA
L = 29
µH
ISWITCH (A)
0
1.2
1109A G04
0.4
0.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.2
0.6
1.0
1.4
VIN = 3V
VIN = 2V
VIN = 5V
TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1109A G05
–50
–25
0
25
50
75
100
ISW = 650mA
Switch On Time
TEMPERATURE (°C)
8
7
6
5
4
3
1109A G06
–50
–25
0
25
50
75
100
Quiescent Current
TEMPERATURE (°C)
500
450
400
350
300
250
200
1109A G07
–50
–25
0
25
50
75
100
Quiescent Current
INPUT VOLTAGE (V)
0
500
450
400
350
300
250
16
1109A G08
4
8
12
20
26
10
14
18
TA = 25°C


Similar Part No. - LT1109A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109A-12 LINER-LT1109A-12 Datasheet
206Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1109A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109A LINER-LT1109A_03 Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109A LINER-LT1109A Datasheet
206Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com