Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD3728 Datasheet(PDF) 2 Page - NEC

Part # UPD3728
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728 Datasheet(HTML) 2 Page - NEC

  UPD3728 Datasheet HTML 1Page - NEC UPD3728 Datasheet HTML 2Page - NEC UPD3728 Datasheet HTML 3Page - NEC UPD3728 Datasheet HTML 4Page - NEC UPD3728 Datasheet HTML 5Page - NEC UPD3728 Datasheet HTML 6Page - NEC UPD3728 Datasheet HTML 7Page - NEC UPD3728 Datasheet HTML 8Page - NEC UPD3728 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
µPD3728
2
DATA SHEET S13878EJ1V0DS00
BLOCK DIAGRAM
8
13
14
5
3
1
36
34
32
30
29
23
28
16
24
22
21
15
CLB
1L
GND
20
2
1
(Blue)
TG1
(Blue)
TG2
(Green)
TG3
(Red)
VOUT2
(Blue, even)
VOUT1
(Blue, odd)
VOUT3
(Green, odd)
VOUT4
(Green, even)
VOUT6
(Red, even)
VOUT5
(Red, odd)
12
. . . . .
. . . . .
. . . . .
. . . . .
. . . . .
. . . . .
Photocell
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
(Green)
Photocell
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
(Red)
Photocell
Transfer gate
Transfer gate
CCD analog shift register
CCD analog shift register
RB
φφ
φ
φ
φ
φ
φ
φ
φ
φ
φ
6
4
2
35
33
31
GND
GND
GND
GND
GND
GND
9
10
7
VOD
φ


Similar Part No. - UPD3728

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
   7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
UPD3728DZ RENESAS-UPD3728DZ Datasheet
343Kb / 30P
   MOS INTEGRATED CIRCUIT
2001
UPD3728DZ-AZ RENESAS-UPD3728DZ-AZ Datasheet
343Kb / 30P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD3728

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD3788 RENESAS-PD3788_15 Datasheet
280Kb / 26P
   7300 PIXELS 쨈 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8821 NEC-UPD8821 Datasheet
292Kb / 24P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15417EJ3V0DS00 RENESAS-S15417EJ3V0DS00_15 Datasheet
338Kb / 30P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
   7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com