Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5010-120 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5010-120
Description  Available in 3.3V, 5.0V and 12.0V versions
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5010-120 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5010-120_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5010-120_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5010-120_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5010-120_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5010-120_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5010-120_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5010-120_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
FEATURES:
5010
SERIES
HIGH CURRENT,
SUPER LOW DROPOUT
FIXED VOLTAGE REGULATORS
Extremely Low Dropout Voltage 0.45V @ 10 Amps
Available in 3.3V, 5.0V and 12.0V versions
Output Voltages Are Internally Set to ±1.5% maximum
TTL Level Enable Pin
Electrically Isolated Case
Low Quiescent Current
Output Current to 10 Amps
Available in Two Package Styles
Available with Three Lead Form Options
Contact MSK for MIL-PRF-38534 Qualification Status
TYPICAL APPLICATIONS
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
EQUIVALENT SCHEMATIC
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
DESCRIPTION:
The MSK5010 series voltage regulators are available in a +3.3V, +5.0V or +12.0V fixed output configuration. All three
boast ultra low dropout specifications due to the utilization of a MOSFET output pass transistor with extremely low Rds(on).
Dropout voltages of 0.45V at 10 amps are typical, in this configuration, which drives efficiency up and power dissipation
down. Accuracy is guaranteed with a 1.5% maximum initial output voltage tolerance that varies only ±2% with temperature.
The MSK5010 series is packaged in a space efficient 5 pin SIP that is electrically isolated from the internal circuitry allowing
direct heat sinking for maximum heat dissipation.
System Power Supplies
Switching Power Supply Post Regulators
8548-149 Rev. J 2/15


Similar Part No. - MSK5010-120_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5010-12BTD ANAREN-MSK5010-12BTD Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-12BTS ANAREN-MSK5010-12BTS Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-12BTU ANAREN-MSK5010-12BTU Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5010-12ETD MSK-MSK5010-12ETD Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5010-12ETS MSK-MSK5010-12ETS Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5010-120_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-50 MSK-MSK5020-50_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
   Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
   Available in both 5V and 3.3V versions
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
   available in TCXO and VCTCXO versions
12/10/05
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
   available in TCXO and VCTCXO versions.
28/10/05
ACT532T-4 ACT-ACT532T-4 Datasheet
176Kb / 2P
   available in TCXO and VCTCXO versions
12/10/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com