Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHD2805S Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # DHD2805S
Description  All Ceramic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHD2805S Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  DHD2805S_15 Datasheet HTML 1Page - M.S. Kennedy Corporation DHD2805S_15 Datasheet HTML 2Page - M.S. Kennedy Corporation DHD2805S_15 Datasheet HTML 3Page - M.S. Kennedy Corporation DHD2805S_15 Datasheet HTML 4Page - M.S. Kennedy Corporation DHD2805S_15 Datasheet HTML 5Page - M.S. Kennedy Corporation DHD2805S_15 Datasheet HTML 6Page - M.S. Kennedy Corporation DHD2805S_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EQUIVALENT SCHEMATIC
Isolated Step Down Power Supply
Microprocessor Power Source
Low Voltage Subsystem Power Source
TYPICAL APPLICATIONS
1
2
3
4
5
+Output
-Output
Adjust/Comp
NC
Shutdown Plus
PIN-OUT INFORMATION
Case
-Input
+Input
8
7
6
-65°C to +150°C
300°C
See Efficiency Curve
150°C
6.5°C/W
ABSOLUTE MAXIMUM RATINGS
+50V
80V
1.5A
-55°C to +125°C
-40°C to +85°C
Input Voltage (pin 7 to pin 6)
Input Transient (pin 7 to pin 6 @ 50mS)
Output Current
DHD2805S
Case Temperature Range
DHD2805S H/E
DHD2805S
VIN
VINT
IOUT
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
Thermal Resistance
(Switches)
TST
TLD
PD
TJ
θJC
Rev. C 3/05
2
NOTE:
1
Continuous operation at or above absolute maximum ratings may adversely effect
the performance and/or life cycle.
1


Similar Part No. - DHD2805S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHD2805SE MSK-DHD2805SE Datasheet
228Kb / 7P
   7.5W DC-DC CONVERTER
logo
Anaren Microwave
DHD2805SE ANAREN-DHD2805SE Datasheet
224Kb / 7P
   7.5W DC-DC CONVERTER
logo
M.S. Kennedy Corporatio...
DHD2805SH MSK-DHD2805SH Datasheet
228Kb / 7P
   7.5W DC-DC CONVERTER
logo
Anaren Microwave
DHD2805SH ANAREN-DHD2805SH Datasheet
224Kb / 7P
   7.5W DC-DC CONVERTER
More results

Similar Description - DHD2805S_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2803S MSK-DHC2803S_15 Datasheet
412Kb / 9P
   All Ceramic Capacitors
BBF2803S MSK-BBF2803S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BBF2815S MSK-BBF2815S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
BFL2805 MSK-BFL2805_15 Datasheet
172Kb / 4P
   All Ceramic Capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
   All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
   All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com