Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC2812D Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # DAC2812D
Description  Wave Solderable Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812D Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  DAC2812D_15 Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BW=10KHz to 2MHz
LIN=2µH
VIN=11,28 and 40V
±IOUT=209mA
VIN=28VDC
±IOUT=0,105 and 209mA
±IOUT=105mA to/from 209mA
Transition TIme=30µS
±IOUT=105mA to/from 209mA
Transition TIme=30µS
VIN=16V to/from 40V
Transition Time=30µS
VIN=16V to/from 40V
Transition Time=30µS
POUT=6.0W MAX.
POUT=5W MAX.
Enabled, IOUT=0mA
Disabled IOUT=0mA
VIN=16-40V
VIN=11-50V
Input to output or any pin to case @ 500V
RPOT=50K
11V
≤VIN≤50V
16V
≤VIN≤40V
BW=10KHz to 2MHz
1
2
3
4
5
6
7
8
9
10
+VIN = 28V, IOUT = ±250mA, TA=TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC= -55°C
Device has internal shutdown feature that pulses the output with a low duty cycle during faults.
Up to 80% of total load may be drawn from either output.
Connect capacitors from + output to common and -output to common only. Do not exceed a 4:1 capacitor imbalance.
1.0W load on output under test, 1.0W to 4.0W load change on the other.
ELECTRICAL SPECIFICATIONS
NOTES:
3
Isolation
Short Circuit Current Limit
Switching Frequency
VOUT Adjustment Range
VDC
VDC
mA
mA
mA
mA
mVrms
mVrms
mAp-p
mAp-p
mV
mV
mV
mV
%
%
%
%
mV
mV
µS
µS
mV
mV
µS
µS
mV
mV
mS
mS
µS
µS
mS
V
V
mA
mA
µF
µF
M
A
KHz
%
Min.
±11.9
±11.76
±208
±208
±250
±250
-
-
-
-
-
-
-
-
-
-
60
60
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
11
-
-
-
-
100
-
375
±10
Output Voltage
Output Voltage Ripple
Input Current Ripple
Line Regulation
Load Regulation
Cross Regulation
Efficiency
Step Load Response
Step Load Recovery
Step Line Response
Step Line Recovery
Start Up Overshoot
Start Up Delay
Shutdown Delay
Parameter
Test Conditions 1
Max.
±12.1
±12.24
-
-
-
-
60
100
140
225
±25
±50
±25
±50
1
1
-
-
-
-
-
-
±500
±500
-
-
200
200
60
60
500
-
60
40
50
70
2.5
100
50
-
-
425
DAC2812D
DAC2812D H/E
Input Voltage Range
Output Current
Units
Typ.
±12.0
-
-
-
-
-
15
-
85
-
±5
-
±5
-
0.1
0.1
64
-
±400
±400
200
200
±200
-
250
250
0
-
40
-
250
200
40
-
-
50
1.25
-
-
-
-
400
-
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
-
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1
1
4
1
7
2
Min.
±11.85
-
±208
-
±250
-
-
-
-
-
-
-
-
-
-
-
60
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
11
-
-
-
-
100
-
350
±10
Max.
±12.15
-
-
-
-
-
60
-
140
-
±30
-
±30
-
1
-
-
-
-
-
-
-
±500
-
-
-
200
-
60
-
500
-
60
40
50
70
2.5
100
50
-
-
450
-
Typ.
±12.0
-
-
-
-
-
15
-
85
-
±5
-
±5
-
0.1
-
64
-
±400
-
200
-
±200
-
250
-
0
-
40
-
250
-
40
-
-
50
1.25
-
-
-
-
400
-
Shutdown Recovery
Quiescent Current
Capacitive Load
2
2
2
2
2
2
DAC2812D
2
Rev. E
9/07
8
9
Per Output
10


Similar Part No. - DAC2812D_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
More results

Similar Description - DAC2812D_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2815S MSK-DAC2815S_15 Datasheet
484Kb / 9P
   Wave Solderable Package
logo
IXYS Corporation
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
   Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
   Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
   Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1906 IXYS-CPC1906 Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
CPC1945Y IXYS-CPC1945Y Datasheet
102Kb / 6P
   Machine Insertable, Wave Solderable
CPC1963 IXYS-CPC1963 Datasheet
113Kb / 7P
   Machine Insertable, Wave Solderable
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
   Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com