Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR750F75 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # DCR750F75
Description  Phase Control Thyristor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR750F75 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button DCR750F75 Datasheet HTML 3Page - Dynex Semiconductor DCR750F75 Datasheet HTML 4Page - Dynex Semiconductor DCR750F75 Datasheet HTML 5Page - Dynex Semiconductor DCR750F75 Datasheet HTML 6Page - Dynex Semiconductor DCR750F75 Datasheet HTML 7Page - Dynex Semiconductor DCR750F75 Datasheet HTML 8Page - Dynex Semiconductor DCR750F75 Datasheet HTML 9Page - Dynex Semiconductor DCR750F75 Datasheet HTML 10Page - Dynex Semiconductor DCR750F75 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SEMICONDUCTOR
DCR750F85
10/11
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
3rd ANGLE PROJECTION
IF IN DOUBT ASK
DO NOT SCALE
FOR PACKAGE HEIGHT
SEE TABLE
GATE
ANODE
CATHODE
Ø47.0 NOM
Ø47.0 NOM
Ø73.0 MAX
ELECTRODES)
DEEP (IN BOTH
HOLE Ø3.60 X 2.00
20° OFFSET (NOM.)
TO GATE TUBE
Device
Maximum
Thickness
(mm)
Minimum
Thickness
(mm)
DCR1003SF18
26.415
25.865
DCR1006SF28
26.49
25.94
DCR1008SF36
26.72
26.17
DCR1020F65
27.1
26.55
DCR1050SF42
26.72
26.17
DCR1180F52
26.84
26.29
DCR1274SF18
26.415
25.865
DCR1275SF28
26.49
25.94
DCR1277SF36
26.72
26.17
DCR1279SF48
26.84
26.29
DCR1350F42
26.72
26.17
DCR1610F28
26.49
25.94
DCR1640F28
26.49
25.94
DCR1830F22
26.415
25.865
DCR750F85
27.46
26.91
DCR810F85
27.46
26.91
DCR840F48
26.84
26.29
DCR890F65
27.1
26.5
DCR950F65
27.1
26.5
Lead length: 420mm
Lead terminal connector: M4 ring
Package outline type code: F
Fig.17 Package outline


Similar Part No. - DCR750F75

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR750F75 DYNEX-DCR750F75 Datasheet
218Kb / 11P
   Phase Control Thyristor
More results

Similar Description - DCR750F75

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com