Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-011029-14150T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-011029-14150T
Description  High Power PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-011029-14150T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-011029-14150T_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADP-011029-14150T_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
High Power PIN Diode
50 MHz - 12 GHz
Rev. V1
MADP-011029-14150T
3
3
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
500 - 5000 MHz Parts List13
PCB Layout
PCB Schematic
12. R1 is not needed when using the recommended ferrite FB1.
13. Max DC voltage with recommended components not to
exceed 100 V.
Part
Value
Case Style
C1
62 pF
0402
C2, C3
100 pF
0402
FB1
470 Ω @ 1 GHz
0402
R1
150 Ω
0402
L1
82 nH
0402
Devices
may
be
soldered
using
standard
Pb60/Sn40, or RoHS compliant solders. Leads
are plated NiPdAuAg to ensure an optimum
solderable connection.
For recommended Sn/Pb and RoHS soldering
profile See Application Note M538 on the MACOM
website.
Assembly Recommendations
Cleanliness and Storage
These devices should be handled and stored in a
clean environment. Ends of the device are
NiPdAuAg plated for greater solderability. Exposure
to high humidity (>80%) for extended periods may
cause the surface to oxidize. Caution should be
taken when storing devices for long periods.
General Handling
Device can be handled with tweezers or vacuum
pickups and are suitable for use with automatic
pick-and-place equipment.


Similar Part No. - MADP-011029-14150T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
431Kb / 9P
   High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
1Mb / 9P
   3 Terminal LPF Broadband Shunt Structure
More results

Similar Description - MADP-011029-14150T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011037-13900T MA-COM-MADP-011037-13900T_15 Datasheet
844Kb / 6P
   High Power PIN Diode
MADP-011027-14150T MA-COM-MADP-011027-14150T_15 Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
431Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T_15 Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011027-14150T MA-COM-MADP-011027-14150T Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011037-13900T MA-COM-MADP-011037-13900T Datasheet
844Kb / 6P
   High Power PIN Diode
logo
Broadcom Corporation.
HSMP-386J BOARDCOM-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
Microsemi Corporation
HUM2001 MICROSEMI-HUM2001 Datasheet
178Kb / 4P
   PIN DIODE High Power Stud
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com