Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM0971 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0971
Description  STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0971 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0971 Datasheet HTML 2Page - STMicroelectronics UM0971 Datasheet HTML 3Page - STMicroelectronics UM0971 Datasheet HTML 4Page - STMicroelectronics UM0971 Datasheet HTML 5Page - STMicroelectronics UM0971 Datasheet HTML 6Page - STMicroelectronics UM0971 Datasheet HTML 7Page - STMicroelectronics UM0971 Datasheet HTML 8Page - STMicroelectronics UM0971 Datasheet HTML 9Page - STMicroelectronics UM0971 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
STEVAL-IHM031V1 features
UM0971
6/45
Doc ID 17701 Rev 1
1
STEVAL-IHM031V1 features
1.1
Electrical and functional characteristics
The information below lists the converter specification data and the main parameters fixed
for the STEVAL-IHM0031V1 demonstration board.
Minimum input voltage: 12 VDC
Maximum input voltage: 24 VDC
Maximum output power for motor up to 120 W
Circuit protection against input reverse polarity
5 VDC auxiliary power supply based on the LD1117xx50
3.3 VDC auxiliary power supply based on the LD1117xx33
8 VDC auxiliary power supply based on the L4976
Power MOSFET STS8DNH3LL dual N-channel in SO-8 package
Motor control connector for interface with STM32 and STM8 microcontroller family
demonstration boards
Hall/encoder inputs
Fully configurable to implement both scalar and field oriented motor control driving
strategies
1.2
Target application
Battery powered high-end tools
Medical applications
Autonomous mover
Super silent and high-efficiency water pump for cooling/heating applications
1.3
Safety and operating instructions
1.3.1
General
Warning:
During assembly and operation, the STEVAL-IHM031V1
demonstration board poses several inherent hazards,
including bare wires, moving or rotating parts, and hot
surfaces. There is a danger of serious personal injury and
damage to property, if the kit or its components are
improperly used or installed incorrectly.
All operations involving transportation, installation and use, as well as maintenance, is to be
carried out by skilled technical personnel (national accident prevention rules must be
observed). For the purposes of these basic safety instructions, “skilled technical personnel”
are suitably qualified people who are familiar with the installation, use, and maintenance of
power electronic systems.


Similar Part No. - UM0971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0970 STMICROELECTRONICS-UM0970 Datasheet
1Mb / 30P
   STM8L-DISCOVERY
More results

Similar Description - UM0971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4146 STMICROELECTRONICS-AN4146 Datasheet
3Mb / 30P
   STSmartVoice demonstration board STEVAL-MKI126Vx
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
   STEVAL-ISA081V1 demonstration board based
STEVAL-MKI119V1 STMICROELECTRONICS-STEVAL-MKI119V1 Datasheet
184Kb / 6P
   eMotion Win8: STEVAL-MKI109V2 STEVAL-MKI108V2 demonstration board
UM0582 STMICROELECTRONICS-UM0582 Datasheet
1Mb / 24P
   STEVAL-TLL005V1 power flash demonstration board
AN3157 STMICROELECTRONICS-AN3157 Datasheet
483Kb / 26P
   STEVAL-IPE010V1 poly-phase demonstration kit
UM0756 STMICROELECTRONICS-UM0756 Datasheet
825Kb / 28P
   STEVAL-ICB003V1 front panel demonstration board
AN4111 STMICROELECTRONICS-AN4111 Datasheet
1Mb / 17P
   The STEVAL-ILL044V1 demonstration board showcases
June 2013 Rev4
STEVAL-MKI115V1 STMICROELECTRONICS-STEVAL-MKI115V1 Datasheet
93Kb / 4P
   Bluetooth extension demonstration board for STEVAL-MKI109V1
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
   The STEVAL-CCA028V1 is a demonstration board designed
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
   This document describes the STEVAL-SPBT3ATV3 demonstration board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com