Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4290 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4290
Description  This document describes how the SPI communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4290 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4290 Datasheet HTML 5Page - STMicroelectronics AN4290 Datasheet HTML 6Page - STMicroelectronics AN4290 Datasheet HTML 7Page - STMicroelectronics AN4290 Datasheet HTML 8Page - STMicroelectronics AN4290 Datasheet HTML 9Page - STMicroelectronics AN4290 Datasheet HTML 10Page - STMicroelectronics AN4290 Datasheet HTML 11Page - STMicroelectronics AN4290 Datasheet HTML 12Page - STMicroelectronics AN4290 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID024501 Rev 2
9/16
AN4290
SPI communication interface
16
During the response transmission the device is still operative and can receive and execute
new commands (see Figure 5). If a command, requiring a new response, is received before
the end of the transmission of the current response, the new response replaces the previous
one (see Figure 6).
Figure 5. Response transmission management
Figure 6. Response aborting
In case of registers, which can autonomously change their value such as the ABS_POS
register, the response corresponds to the value of the register after the GetParam command
has been received and decoded. If the register value changes later, the response is not
updated accordingly.
CONFIG
2
Writable when in HiZ only
STATUS
2
Read only
1. L6470 and L6480 only.
2. L6472, L6474 and L6482 only.
3. L6480 and L6482 only.
Table 4. Number of arguments or response bytes of the SetParam \ GetParam
commands according to the target register (continued)
Register
Number of bytes
Notes
ABS_POS
(byte 2)
ABS_POS
(byte 1)
ABS_POS
(byte 0)
GetParam(ABS_POS)
Unknown
NOP
NOP
From MCU (MOSI)
To MCU (MISO)
SoftStop
The command is executed
AM16749v1
GetParam(OCD_TH)
GetParam(STEP_MODE)
OCD_TH
(byte 0)
ACC
(byte 1)
STEP_MODE
(byte 0)
GetParam(ACC)
Unknown
Don’t care
From MCU (MOSI)
To MCU (MISO)
The new response
interrups and repleaces
the previous one
AM16750v1


Similar Part No. - AN4290

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4291 STMICROELECTRONICS-AN4291 Datasheet
2Mb / 53P
   STEVAL385LED4CH: four independent high brightness LED
logo
NXP Semiconductors
AN4292 NXP-AN4292 Datasheet
328Kb / 9P
   DEMOMMA8491 Xtrinsic Accelerometer Evaluation Kit
Rev 0, 10/2012
logo
STMicroelectronics
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
   The purpose of this application note is to give a presentation
AN4299 STMICROELECTRONICS-AN4299 Datasheet
677Kb / 20P
   Immunity of touch sensing systems to conducted RF voltage is required
More results

Similar Description - AN4290

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
UM1561 STMICROELECTRONICS-UM1561 Datasheet
972Kb / 39P
   This document describes how the firmware to manage the 250 W micro-inverter demo
October 2012 Rev 1
AN2052 STMICROELECTRONICS-AN2052 Datasheet
380Kb / 13P
   This report describes how the frequency modulation reduces
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
   This document describes the differences between
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
TN0897 STMICROELECTRONICS-TN0897 Datasheet
452Kb / 28P
   The document describes a standardized SPI protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com