Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4241 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4241
Description  The L6470 and L6472 are fully integrated motor drivers providing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4241 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4241 Datasheet HTML 1Page - STMicroelectronics AN4241 Datasheet HTML 2Page - STMicroelectronics AN4241 Datasheet HTML 3Page - STMicroelectronics AN4241 Datasheet HTML 4Page - STMicroelectronics AN4241 Datasheet HTML 5Page - STMicroelectronics AN4241 Datasheet HTML 6Page - STMicroelectronics AN4241 Datasheet HTML 7Page - STMicroelectronics AN4241 Datasheet HTML 8Page - STMicroelectronics AN4241 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN4241
The L6470 and L6472 communication interface
Doc ID 024193 Rev 1
5/18
Figure 2.
Logic interface supply scenarios
C
DDPOL
C
DD
C
REGPOL
C
REG
10 µF
100 nF
100 nF
47 µF
VREG
VDD
C
DDPOL
C
DD
C
REG
10 µF
100 nF
100 nF
VREG
VDD
C
DDPOL
C
DD
C
REGPOL
C
REG
10 µF
100 nF
100 nF
47 µF
VREG
VDD
3.3 V
3.3 V
5 V
C
DDPOL
C
DD
C
REG
10 µF
100 nF
100 nF
VREG
VDD
5 V
Fully self supplied device
Compliant with 3.3 V logic
Self supplied device
Compliant with 5 V logic
Externally supplied device
Compliant with 3.3 V logic
Externally supplied device
Compliant with 5 V logic
AM16588v1


Similar Part No. - AN4241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
   New generation of 650 V SiC diodes
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
   The L6230 DMOS driver for three-phase brushless DC motor
AN4246 STMICROELECTRONICS-AN4246 Datasheet
290Kb / 11P
   Proprietary Code Read Out Protection on STM32L1 microcontrollers
AN4248 STMICROELECTRONICS-AN4248 Datasheet
3Mb / 46P
   60 W PSU design details for water purifier system
More results

Similar Description - AN4241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
   Fully integrated microstepping motor driver using the L6470
March 2011 Rev 1
AN4355 STMICROELECTRONICS-AN4355 Datasheet
475Kb / 25P
   The L6480 and L6482 devices are motor controllers providing
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
   FULLY INTEGRATED STEPPER MOTOR DRIVER
logo
Taiwan Memory Technolog...
T6331A TMT-T6331A Datasheet
189Kb / 2P
   The T6331A are integrated, high-efficiency white or RGB LED drivers.
logo
STMicroelectronics
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
   How to drive multiple stepper motors with the L6470 motor driver
logo
List of Unclassifed Man...
AN321 ETC-AN321 Datasheet
15Kb / 2P
   AND / NOR circuit providing the logical function
logo
STMicroelectronics
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
   easySPIN ??fully integrated microstepping motor driver
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
   dSPIN fully integrated microstepping motor driver
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
   FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com