Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4140 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4140
Description  STLD41 output power capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4140 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4140 Datasheet HTML 4Page - STMicroelectronics AN4140 Datasheet HTML 5Page - STMicroelectronics AN4140 Datasheet HTML 6Page - STMicroelectronics AN4140 Datasheet HTML 7Page - STMicroelectronics AN4140 Datasheet HTML 8Page - STMicroelectronics AN4140 Datasheet HTML 9Page - STMicroelectronics AN4140 Datasheet HTML 10Page - STMicroelectronics AN4140 Datasheet HTML 11Page - STMicroelectronics AN4140 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Output power capability
AN4140
8/17
Doc ID 023412 Rev 1
5
Output power capability
All measurements were made at ambient temperature (24 °C) and 3 different inductors.
5.1
With the LQH6PPN470M3 inductor
Figure 3.
Current capability with the LQH6PPN470M3
3
3.4
3.8
4.2
820
3.4
3.8
4.2
4.6
5
6
3
4.2
4.6
6
7
8
10
3.8
4.6
5
7
12
4.2
6
7
8
10
14
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
2.5
5.0
10.0
20.0
IN [V]
Iout = 100 mA
Iout = 150 mA
Iout = 200 mA
Iout = 250 mA
Iout = 300 mA
Iout = 350 mA
Iout = 400 mA
V
AM12752v1


Similar Part No. - AN4140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
   2-ch Motor drive IC
More results

Similar Description - AN4140

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
   3.3V Output Capability
logo
Maxim Integrated Produc...
MAX30102 MAXIM-MAX30102 Datasheet
938Kb / 34P
   Fast Data Output Capability
Rev 0; 9/15
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
logo
M.S. Kennedy Corporatio...
MSK4364 MSK-MSK4364_15 Datasheet
193Kb / 7P
   5 Amp Output Switch Capability
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
   10 Amp Output Switch Capability
logo
Vincotech
10-F007NIA030SM-P965F39 VINCOTECH-10-F007NIA030SM-P965F39 Datasheet
322Kb / 9P
   Reactive power capability
10-FZ06NRA045FH01 VINCOTECH-10-FZ06NRA045FH01 Datasheet
2Mb / 27P
   reactive power capability
logo
Texas Instruments
XIO1100 TI1-XIO1100_18 Datasheet
400Kb / 37P
[Old version datasheet]   Low-Power Capability
logo
Analog Devices
HMC415LP3 AD-HMC415LP3 Datasheet
416Kb / 8P
   Power Down Capability
logo
STMicroelectronics
STPTIC-68G2 STMICROELECTRONICS-STPTIC-68G2 Datasheet
471Kb / 11P
   High power capability
July 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com