Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC485 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 4 Page - Linear Technology

  LTC485_15 Datasheet HTML 1Page - Linear Technology LTC485_15 Datasheet HTML 2Page - Linear Technology LTC485_15 Datasheet HTML 3Page - Linear Technology LTC485_15 Datasheet HTML 4Page - Linear Technology LTC485_15 Datasheet HTML 5Page - Linear Technology LTC485_15 Datasheet HTML 6Page - Linear Technology LTC485_15 Datasheet HTML 7Page - Linear Technology LTC485_15 Datasheet HTML 8Page - Linear Technology LTC485_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC485
4
485fk
For more information www.linear.com/LTC485
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Low Voltage
vs Temperature
Driver Differential Output Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Driver Output Low Voltage
vs Output Current
Driver Output High Voltage
vs Output Current
TTL Input Threshold
vs Temperature
Receiver Output Low Voltage
vs Output Current
Receiver Output High Voltage
vs Output Current
Receiver Output High Voltage
vs Temperature
OUTPUT VOLTAGE (V)
0
0
4
12
16
20
1.0
36
485 G01
8
0.5
2.0
24
28
32
1.5
TA = 25°C
OUTPUT VOLTAGE (V)
5
0
–2
–6
–8
–10
3
–18
485 G02
–4
4
–12
–14
–16
2
TA = 25°C
TEMPERATURE (°C)
–50
3.0
3.2
3.6
3.8
4.0
75
4.8
485 G03
3.4
0
125
4.2
4.4
4.6
–25
25
50
100
I = 8mA
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
75
0.9
485 G04
0.2
0
125
0.6
0.7
0.8
–25
25
50
100
I = 8mA
OUTPUT VOLTAGE (V)
0
0
8
24
32
40
2
72
485 G05
16
1
3
48
56
64
4
TA = 25°C
TEMPERATURE (°C)
–50
1.5
1.6
1.8
1.9
2.0
75
2.4
485 G06
1.7
0
125
2.1
2.2
2.3
–25
25
50
100
RI = 54
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
2
90
485 G07
20
1
3
60
70
80
4
TA = 25°C
OUTPUT VOLTAGE (V)
0
0
–12
–36
–48
–60
2
–108
485 G08
–24
1
3
–72
–84
–96
4
TA = 25°C
TEMPERATURE (°C)
–50
1.55
1.56
1.58
1.59
1.60
75
1.64
485 G09
1.57
0
125
1.61
1.62
1.63
–25
25
50
100


Similar Part No. - LTC485_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485C LINER-LTC485C Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485CJ8 LINER-LTC485CJ8 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485CJ8 LINER-LTC485CJ8 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485CN8 LINER-LTC485CN8 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485CN8 LINER-LTC485CN8 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
More results

Similar Description - LTC485_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
   Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
   Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
   Low Power RS485 Interface Transceiver
logo
Aeroflex Circuit Techno...
DRS4485 AEROFLEX-DRS4485 Datasheet
777Kb / 8P
   DRS4485 Dual RS485 Interface Transceiver
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
   3.3V Ultra-Low Power RS485 Transceiver
LTC1481 LINER-LTC1481 Datasheet
219Kb / 8P
   Ultra-Low Power RS485 Transceiver with Shutdown
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
   Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
   Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com