Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1039A Datasheet(PDF) 7 Page - Linear Technology

Part # LT1039A
Description  Triple RS232 Driver/Receiver with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039A Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1039A Datasheet HTML 3Page - Linear Technology LT1039A Datasheet HTML 4Page - Linear Technology LT1039A Datasheet HTML 5Page - Linear Technology LT1039A Datasheet HTML 6Page - Linear Technology LT1039A Datasheet HTML 7Page - Linear Technology LT1039A Datasheet HTML 8Page - Linear Technology LT1039A Datasheet HTML 9Page - Linear Technology LT1039A Datasheet HTML 10Page - Linear Technology LT1039A Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT1039A/LT1039A-16
7
1039afb
For more information www.linear.com/1039
When driving CMOS logic from a receiver that will be
used in the shutdown mode and there is no other active
receiver on the line, a 51k resistor can be placed from the
logic input to VCC to force a definite logic level when the
receiver output is in a high impedance state.
applicaTions inForMaTion
Driving CMOS Logic from a Receiver
Input Overvoltage Protection
5kΩ Impedance Matching
Keeping Alive One Receiver While in Shutdown
RS232 Compatible Shutdown Control Line
LT1039A
RECEIVER
RS232
INPUT
ON/OFF
INPUT
LOGIC
OUTPUT
*FORCES LOGIC INPUT STATE
WHEN VON/OFF IS LOW
51k*
VCC
1039A AI06
CMOS
LOGIC
RS232
INPUT
LOGIC
OUTPUT
RECEIVER
1039A AI07
30k
1k
30V
30V
5.6k
1039A AI08
RS232
INPUT
LOGIC
OUTPUT
RECEIVER
30k
5.6k
LT1039A
25k
LOGIC
SHUTDOWN
INPUT
2
3
16
17
BIAS
RS232
INPUT
ON/OFF
LOGIC
OUTPUT
1039A AI09
LT1039A
25k
2
3
16
17
BIAS
RS232
SHUTDOWN
INPUT
ON/OFF
1039A AI10
To protect against receiver input overloads in excess of
±30V, a voltage clamp can be placed on the data line and
still maintain RS232 compatibility.
The receiver input impedance of the LT1039A is nominally
30kΩ. For applications requiring a 5kΩ input impedance,
a 5.6k resistor can be connected from the receiver input
to ground.
Driver inputs should not be allowed to float. Any unused
inputs should be tied to VCC.
The BIAS pin is used to “keep alive” one receiver while
in the shutdown mode (all other circuitry being inactive).
This allows a system to be in shutdown and still have one
active receiver for transferring data.
It can also be used to make an RS232 compatible shut-
down control line. Driving the BIAS pin low through a
resistance of 24k to 30k keeps the receiver active. Do not
drive the BIAS pin directly from a logic output without the
series resistor. An unused BIAS pin should be left open.


Similar Part No. - LT1039A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com