Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1036 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1036
Description  Logic Controlled Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1036 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1036 Datasheet HTML 3Page - Linear Technology LT1036 Datasheet HTML 4Page - Linear Technology LT1036 Datasheet HTML 5Page - Linear Technology LT1036 Datasheet HTML 6Page - Linear Technology LT1036 Datasheet HTML 7Page - Linear Technology LT1036 Datasheet HTML 8Page - Linear Technology LT1036 Datasheet HTML 9Page - Linear Technology LT1036 Datasheet HTML 10Page - Linear Technology LT1036 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1036
1036fb
Fast Turn-Off, Delayed Turn-On
APPLICATIO S I FOR ATIO
Output Current
The main output current limits at about 4A for input
voltages below 20V. Internal foldback, or “power limit-
ing”, circuitry detects the input-output voltage differential
and reduces current limit for input to output voltages
exceeding 8V. With 25V input, for instance, short circuit
current is reduced to
≈ 0.9A.
An additional feature of the LT1036 is that the auxiliary
supply does not incorporate, nor is it affected by, thermal
shutdown. Any fault condition of the main regulator will
not affect the auxiliary output voltage.
The following applications circuits will serve to indicate
the versatility of the LT1036.
TYPICAL APPLICATIO S
Latch-Off with Output Short
Delayed Power-Up
Thermal Cutoff at High Ambient Temperature
Power Supply Turn-On Sequencing
12V
LT1036M/1036C • TA01
+
LT1036
GND
OUT
IN
AUX
tON = 0.3 R1C1
R1
100k
EN
C1
VIN
*CAN BE ANY GATE TYPE
*
LT1036M/1036C • TA02
12V
5V
LT1036
GND
OUT
IN
AUX
EN
VIN
68k
0.33
µF
LT1036M/1036C • TA03
12V
5V
tDELAY ≈ 0.4 R1C1
R1
27k
LT1036
GND
OUT
IN
AUX
EN
VIN
C1
LT1036M/1036C • TA04
LT1036
GND
OUT
IN
AUX
26.1k
tOFF = 58°C
tON = 46°C
154k
Rt*
EN
5V
VIN
*YELLOW SPRINGS #44008. 30k
Ω at 25°C
LT1036
GND
OUT
IN
AUX
t1 = 0.4 R1C1
t2 = 0.15 R2C2
R1
EN
LT1036
GND
OUT
IN
AUX
EN
C1
VIN
LT1036M/1036C • TA05
R2
C2


Similar Part No. - LT1036

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1036 LINER-LT1036 Datasheet
200Kb / 12P
   Logic Controlled Regulator
LT1036C LINER-LT1036C Datasheet
577Kb / 8P
   Logic Controlled Regulator?
LT1036CK LINER-LT1036CK Datasheet
577Kb / 8P
   Logic Controlled Regulator?
LT1036CK LINER-LT1036CK Datasheet
200Kb / 12P
   Logic Controlled Regulator
LT1036CT LINER-LT1036CT Datasheet
577Kb / 8P
   Logic Controlled Regulator?
More results

Similar Description - LT1036

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
   Logic Controlled Regulator?
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
   Logic Controlled Regulator
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
   Logic Controlled Regulator
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
   Logic Controlled Regulator
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
   LOGIC CONTROLLED REGULATOR
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
   LOGIC CONTROLLED REGULATOR
logo
Harris Corporation
TA14832 HARRIS-TA14832 Datasheet
82Kb / 3P
   DUAL 5V REGULATOR WITH LOGIC CONTROLLED STARUP FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
LDK130 STMICROELECTRONICS-LDK130 Datasheet
2Mb / 27P
   Logic-controlled electronic shutdown
March 2014 Rev 3
LFXX STMICROELECTRONICS-LFXX Datasheet
1Mb / 54P
   Logic-controlled electronic shutdown
January 2017 Rev 30
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
   Logic-controlled electronic shutdown
April 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com