Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4810 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4810
Description  Internal Zener Clamps on Gates
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4810 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4810_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4810_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4810_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4810_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4810_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Storage Temperature Range
Junction Temperature
Case Operating Temperature Range
MSK 4810H
MSK 4810
-55°C to +125°C
150°C
-55°C to +125°C
-40°C to +85°C
Collector to Emitter Voltage
Gate to Emitter Voltage
Current (Continuous)
Current Pulsed (1mS)
Case Isolation Voltage
TST
TJ
TC
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
1200V
±20V
450A
900A
2500 V
NOTES:
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
HI-REL grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2 and sample tested to subgroup 3.
Subgroup 4 testing available upon request.
Subgroup 1, 4 TA = +25°C
2, 5 TA = +125°C
3, 6 TA = -55°C
All specifications apply to both the upper and lower sections of the half bridge.
VGE=15V unless otherwise specified.
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle
VCE
VGE
IOUT
IOUTP
VCASE
1
2
3
4
5
6
7
8
8
PRELIMINARY Rev. A 8/11


Similar Part No. - MSK4810_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
   1200V/450A HALF BRIDGE PEM
More results

Similar Description - MSK4810_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
I410 ETC2-I410 Datasheet
136Kb / 2P
   Current Clamps
536QC ETC2-536QC Datasheet
40Kb / 1P
   Bar Clamps
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
International Rectifier
IRGS14C40L IRF-IRGS14C40L Datasheet
155Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LPBF IRF-IRGS14C40LPBF Datasheet
288Kb / 11P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
IRGS14C40LTRLP IRF-IRGS14C40LTRLP Datasheet
171Kb / 12P
   IGBT with on-chip Gate-Emitter and Gate-Collector clamps
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com