Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4400 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4400
Description  10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4400 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4400_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4400_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4400_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4400_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4400_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL APPLICATION SCHEMATIC
4
Rev. J 11/10
TYPICAL PERFORMANCE CURVES
OPEN LOOP BRUSHLESS DC MOTOR SPEED CONTROL


Similar Part No. - MSK4400_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4400D MSK-MSK4400D Datasheet
275Kb / 5P
   10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4400S MSK-MSK4400S Datasheet
275Kb / 5P
   10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4400U MSK-MSK4400U Datasheet
275Kb / 5P
   10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
More results

Similar Description - MSK4400_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4300 MSK-MSK4300_15 Datasheet
131Kb / 5P
   10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
MSK4401 MSK-MSK4401_15 Datasheet
133Kb / 5P
   29 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
   10 Amp Output Switch Capability
MSK4364 MSK-MSK4364_15 Datasheet
193Kb / 7P
   5 Amp Output Switch Capability
logo
ATMEL Corporation
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
   3.3V Output Capability
logo
Picker Components
PCD PICKER-PCD Datasheet
197Kb / 4P
   10 to 40 amp output
logo
American Zettler, Inc.
AZ9405 AZETTLER-AZ9405 Datasheet
640Kb / 2P
   10 Amp switching capability
logo
STMicroelectronics
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
   STLD41 output power capability
logo
Maxim Integrated Produc...
MAX30102 MAXIM-MAX30102 Datasheet
938Kb / 34P
   Fast Data Output Capability
Rev 0; 9/15
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com