Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD30500A Datasheet(PDF) 1 Page - NEC

Part # UPD30500A
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500A Datasheet(HTML) 1 Page - NEC

  UPD30500A Datasheet HTML 1Page - NEC UPD30500A Datasheet HTML 2Page - NEC UPD30500A Datasheet HTML 3Page - NEC UPD30500A Datasheet HTML 4Page - NEC UPD30500A Datasheet HTML 5Page - NEC UPD30500A Datasheet HTML 6Page - NEC UPD30500A Datasheet HTML 7Page - NEC UPD30500A Datasheet HTML 8Page - NEC UPD30500A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
©
1997,1999
DATA SHEET
©
1997
MIPS Technologies Inc.
MOS INTEGRATED CIRCUIT
µPD30500, 30500A, 30500B
Document No. U12031EJ4V0DS00 (4th edition)
Date Published May 2000 N CP(K)
Printed in Japan
DESCRIPTION
The
µPD30500 (VR5000), µPD30500A (VR5000A), and µPD30500BNote (VR5000B) are a high-performance, 64-
bit RISC (Reduced Instruction Set Computer) type microprocessors employing the RISC architecture developed by
MIPSTM Technologies Inc.
The instructions of the VR5000, VR5000A, and VR5000B are compatible with those of the VR3000TM Series and
VR4000TM Series and higher, and completely compatible with those of the VR10000TM.
Therefore, present
applications can be used as they are.
Note
Under development
Detailed functions are described in the following manual. Be sure to read the manual when
designing your system.
• VR5000, VR5000A, VR5000B User’s Manual (U11761E)
FEATURES
Employs 64-bit MIPS-based RISC architecture
High-speed processing
2-way super scalar 5-stage pipeline
5.5 SPECint95, 5.5 SPECfp95, 278 MIPS (
µPD30500)
6.6 SPECint95, 6.6 SPECfp95, 353 MIPS (
µPD30500A)
8 SPECint95, 8 SPECfp95, 423 MIPS (
µPD30500B)
High-speed translation buffer mechanism (TLB) (48 entries)
Address space
Physical: 36 bits, Virtual: 40 bits
Floating-point unit (FPU)
Sum-of-products operation instruction supported
Primary cache memory (instruction/data: 32 Kbytes each)
Secondary cache controller
Maximum operating frequency Internal: 200 MHz (
µPD30500), 250 MHz (µPD30500A), 300 MHz (µPD30500B)
External: 100 MHz
Selectable external/internal multiple rate from twice to eight times
Instruction set compatible with VR3000 and VR4000 Series and higher (conforms to MIPS I, II, III, and IV)
Supply voltage: 3.3 V
±5% (
µPD30500)
Core: 2.5 V
±5%, I/O: 3.3 V ±5% (
µPD30500A)
Core: 1.8 V
±0.1 V, I/O: 3.3 V ±5% (
µPD30500B)
Unless otherwise specified, the VR5000 (
µPD30500) is treated as the representative model throughout this
document.
VR5000TM, VR5000ATM, VR5000BTM
64-BIT MICROPROCESSOR
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD30500A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-300-NN1 NEC-UPD30550F2-300-NN1 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-400-NN1 NEC-UPD30550F2-400-NN1 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
More results

Similar Description - UPD30500A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com