Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD22148CA Datasheet(PDF) 5 Page - NEC

Part # UPD22148CA
Description  CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD22148CA Datasheet(HTML) 5 Page - NEC

  UPD22148CA Datasheet HTML 1Page - NEC UPD22148CA Datasheet HTML 2Page - NEC UPD22148CA Datasheet HTML 3Page - NEC UPD22148CA Datasheet HTML 4Page - NEC UPD22148CA Datasheet HTML 5Page - NEC UPD22148CA Datasheet HTML 6Page - NEC UPD22148CA Datasheet HTML 7Page - NEC UPD22148CA Datasheet HTML 8Page - NEC UPD22148CA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µPD22100, 22148
µPD22100
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C, VSS = 0 V)
DC Supply Voltage
VDD
−0.5 to +20
V
Input Voltage
VI
−0.5 to VDD + 0.5
V
Input Current
II
10
mA
Power Dissipation
PD
200
mW
Operating Temperature
Topt
−40 to +85
°C
Storage Temperature
Tstg
−65 to +125
°C
RECOMMENDED OPERATING CONDITIONS (Ta =
−40 to +85 °C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Operating Voltage
VDD
318
V
Input Voltage (Control)
VIH
0.7 VDD
VDD
V
Input Voltage (Control)
VIL
0
0.3 VDD
V
Analog Input Voltage
VIA
VSS
VDD
VVxn
− Vyn ≤ 0.5 V
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC SYMBOL
Ta =
−40 °CTa = 25 °CTa = +85 °C
UNIT
CONDITIONS
MIN.
MAX.
MIN.
TYP.
MAX.
MIN.
MAX.
VDD (V)
On-State
530
160
650
820
5
Resistance
RON
100
80
120
150
10
VIS =
75
70
90
120
12
70
60
85
110
15
On-State
35
5
Resistance Dif-
∆RON
20
10
VIS =
ference Between
18
12
Any Two Switches
15
15
Input Leakage
IL
±300
±1
±300
±10000
nA
18
All Switches OFF
Current
Input Voltage
3.5
3.5
3.5
5
Switch ON
VIH
77
7
V
10
RON < RON MAX.
11
11
11
15
Input Voltage
1.5
1.5
1.5
5
Switch OFF
VIL
33
3
V
10
IL < 0.2
µA
44
4
15
Input Current
II
±0.3
±10−5
±0.3
±1
µA18
VI = VSS, VDD
Quiescent
5
0.04
5
150
5
Current
IDD
10
0.04
10
300
µA
10
VI = VSS, VDD
20
0.04
20
600
15
100
0.08
100
3000
20
VDD
− VSS
2
VDD
− VSS
2


Similar Part No. - UPD22148CA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD22148CA RENESAS-UPD22148CA Datasheet
272Kb / 18P
   MOS INTEGRATED CIRCUIT
1987
More results

Similar Description - UPD22148CA

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
   CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com