Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ606 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SJ606
Description  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ606 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SJ606_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ606_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet D14654EJ3V0DS
3
2SJ606
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
040
20
60
100
140
80
120
160
100
80
60
40
20
0
TC - Case Temperature - ˚C
0
80
20
40
60
100
140
120
160
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
140
120
100
80
60
40
20
0
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
−10
−100
−1000
−0.1
−1
−10
TC = 25˚C
Single Pulse
−1
−100
Power
Dissipation
Limited
R
DS(on)
Limited
ID(DC)
ID(pulse) PW
=
10
µ
s
100
µ
s
1 ms
10
ms
DC
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
10
100
Rth(ch-C) = 1.04˚C/W
µµ
Rth(ch-A) = 83.3˚C/W


Similar Part No. - 2SJ606_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ606-S NEC-2SJ606-S Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ606-S RENESAS-2SJ606-S Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ606-Z NEC-2SJ606-Z Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ606-Z RENESAS-2SJ606-Z Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ606-ZJ NEC-2SJ606-ZJ Datasheet
78Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SJ606_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com