Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK4303 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4303
Description  Self-Contained, Smart Lowside/Highside Drive Circuitry
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4303 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4303_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4303_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4303_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4303_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4303_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4303_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
75V, 10 Amp Capability
Ultra Low Thermal Resistance - Junction to Case - 1.5°C/W (Each MOSFET)
Self-Contained, Smart Lowside/Highside Drive Circuitry
Bootstrap High-Side Supplies
Under-Voltage Lockout
Capable of Switching Frequencies to 25KHz
Isolated Case Allows Direct Heat Sinking
Bolt-down Design Allows Superior Heat Dissipation
Contact MSK for MIL-PRF-38534 Qualification Status
DESCRIPTION:
The MSK 4303 is a 10 Amp, 3 Phase Bridge Smart Power Motor Drive Hybrid with a 75 volt rating on the output
switches. The output switches are MOSFETs. This new smart power motor drive hybrid is 5.0 volt input logic
compatible. Under-voltage lockout shuts down the bridge when the supply voltage gets to a point of incomplete
turn-on of the output switches. The internal high-side bootstrap power supply derived from the +VB supply
completely eliminates the need for 3 floating independent power supplies.
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
TYPICAL APPLICATIONSPIN-OUT INFORMATION
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
3 PHASE SIX STEP DC BRUSHLESS MOTOR DRIVE
OR 3 PHASE SINUSOIDAL INDUCTION MOTOR DRIVE
EQUIVALENT SCHEMATIC
M.S. KENNEDY CORP.
1
2
3
4
5
6
7
8
9
10
H INA
L INA
+VCC
H INB
L INB
COM
COM
+VB
H INC
L INC
20
19
18
17
16
15
14
13
12
11
V+
N/C
AV-
N/C
BV-
N/C
CV-
1
M.S.KENNEDY CORP.
4303
10 AMP, 75 VOLT MOSFET
SMART POWER 3-PHASE
MOTOR DRIVE HYBRID
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
8548-109 Rev. E 11/13


Similar Part No. - MSK4303_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
   10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
More results

Similar Description - MSK4303_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4323 MSK-MSK4323_15 Datasheet
146Kb / 6P
   Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4454 MSK-MSK4454_15 Datasheet
129Kb / 6P
   Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4322 MSK-MSK4322_15 Datasheet
165Kb / 7P
   Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4304RH MSK-MSK4304RH_15 Datasheet
153Kb / 7P
   Self-Contained, Lowside/Highside Drive Circuitry
MSK4422 MSK-MSK4422_15 Datasheet
141Kb / 6P
   6Self-Contained, Smart Lowside/Highside Drive Circuitry
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com