Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK155 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK155
Description  Space Efficient Dual Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK155 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK155_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK155_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK155_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK155_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK155_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK155_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
CURRENT LIMIT (SEE TYPICAL CONNECTION DIAGRAM)
SAFE OPERATING AREA (SOA)
The output stage of this power operational amplifier has three
distinct limitations:
1. The current handling capability of the die metallization.
2. The junction temperature of the output device's.
3. Secondary breakdown.
All applications should be checked against the SOA curves.
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy flyback,
external fast-recovery reverse biased diodes should be connected
from the output to ground.
RCL=(0.809V/ICL) - 0.057Ω
A value of current limit resistance can be calculated as fol-
lows:
Where:
RCL is the current limit resistor value.
ICL is the current limit desired.
0.057Ω is the drop in the current limit path across internal
impedances other than the actual current limit resistor.
0.809Ω volts is the voltage drop that must be developed
across the current limit connections to activate the current
limit circuit at 25°C.
It is recommended the user limit output current to a value as
close to the required output current as possible, without clip-
ping output voltage swing. Current limit will vary with case tem-
perature. Refer to the typical performance curves to predict cur-
rent limit drift. If current limit is not required replace the resistor
TYPICAL CONNECTION DIAGRAM
A 0.1 microfarad ceramic disc and low ESR capacitor with a
value of 10 microfarads per amp of output current should be
placed in parallel from each power supply pin to ground. These
capacitors must be rated for the full power supply voltage. Since
the MSK155 is commonly used in circuits where the loop gain
is greater than 10 V/V, high frequency noise that enters the op-
amp through the power supply lines will be amplified and could
cause the amplifier to break into oscillation. In addition, without
supply bypassing, the inductance of the power supply lines
interacts with capacitive loads to form an oscillatory LC tank
circuit. The power supply decoupling capacitors will minimize
this effect and keep the circuit stable.
POWER SUPPLY DECOUPLING
Input protection circuitry within the MSK155 will clip differ-
ential input voltages greater than VCC. The inputs are also pro-
tected against common mode voltages up to the supply rails as
well as static discharge. There are current limiting resistors in
series with each input. These resistors may become damaged in
the event the input overload is capable of driving currents above
1mA. If severe overload conditions are expected, external input
current limiting resistors are recommended.
INPUT PROTECTION
It is recommended that the parallel sum of the input and feed-
back resistor be 1000 ohms or less to minimize phase shift
caused by the R-C network formed by the input resistor, feed-
back resistor and input capacitance. An effective method of check-
ing amplifier stability is to apply the worst case capacitive load
to the output of the amplifier and drive a small signal square
wave across it. If overshoot is less than 25%, the system will
typically be stable.
STABILITY
3
8548-126 Rev. E 6/14


Similar Part No. - MSK155_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK155E MSK-MSK155E Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
MSK155H MSK-MSK155H Datasheet
281Kb / 5P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK155H ANAREN-MSK155H Datasheet
349Kb / 6P
   HIGH POWER DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MSK155_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK186 MSK-MSK186_15 Datasheet
221Kb / 7P
   Space Efficient Dual Amplifier
MSK182 MSK-MSK182_15 Datasheet
237Kb / 9P
   Space Efficient Dual Amplifiers
logo
Bi technologies
HM76 BITECH-HM76_15 Datasheet
953Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
HM76 BITECH-HM76 Datasheet
326Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76 TTELEC-HM76 Datasheet
970Kb / 3P
   Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Tiger Electronic Co.,Lt...
TDA2822 TGS-TDA2822 Datasheet
520Kb / 7P
   DUAL POWER AMPLIFIER
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822 Datasheet
163Kb / 11P
   DUAL POWER AMPLIFIER
logo
List of Unclassifed Man...
D2822 ETC1-D2822 Datasheet
106Kb / 7P
   DUAL POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com