Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3093 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3093 Datasheet HTML 1Page - STMicroelectronics AN3093 Datasheet HTML 2Page - STMicroelectronics AN3093 Datasheet HTML 3Page - STMicroelectronics AN3093 Datasheet HTML 4Page - STMicroelectronics AN3093 Datasheet HTML 5Page - STMicroelectronics AN3093 Datasheet HTML 6Page - STMicroelectronics AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
List of figures
AN3093
4/29
Doc ID16539 Rev 1
List of figures
Figure 1.
Demonstration board picture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
PCB: top side and through-hole components(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
PCB: bottom side and SMD components(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Side view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Bottom side view. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
PCB hole dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
No-load consumption score chart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Normal operation at full load, at 115 VAC and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
Normal operation in CC mode with VOUT = 3 V, at 115 VAC and 230 VAC . . . . . . . . . . . . . 16
Figure 13.
Short-circuit at 115 VAC and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 14.
Normal operation at no-load, at 115 VAC and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 15.
Startup at no-load, at 115 VAC and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 16.
Startup at full load, at 115 VAC and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 17.
Output characteristic at 115 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 18.
Output characteristic at 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
Output characteristic without cable drop compensation: RCABLE = 0.32 Ω
and R5 = 10 kΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
Output characteristic with cable drop compensation: RCABLE = 0.32 Ω
and R5 = 10 kΩ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 21.
Voltage control principle: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 22.
Current control principle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 23.
Constant current operation: switching cycle waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 24.
Feed-forward compensation: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 25.
CDC compensation: external configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27


Similar Part No. - AN3093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3090 STMICROELECTRONICS-AN3090 Datasheet
1Mb / 19P
   Power saving and LED status detection using the STP16DPPS05 device
AN3094 STMICROELECTRONICS-AN3094 Datasheet
364Kb / 8P
   EVAL2293Q demonstration board
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
   The STEVAL-ISV002V2 demonstration board is the same
AN3099 STMICROELECTRONICS-AN3099 Datasheet
225Kb / 13P
   IBIS models for signal integrity simulation of SPEAr3xx applications
More results

Similar Description - AN3093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
   ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
October 2015 Rev 1
logo
Power Integrations, Inc...
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
   Low Cost 1.6 W CV/CC Charger/Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
   Low Cost 2.5 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
   Low Cost 1.5 W CV/CC Charger or Adapter
logo
STMicroelectronics
AN2864 STMICROELECTRONICS-AN2864 Datasheet
1Mb / 29P
   VIPER17L demonstration board with wide-range
logo
Power Integrations, Inc...
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
   Low Cost 1.5 W CV/CC Charger or Adapter
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
   Low Cost 2.75 W CV/CC Charger or Adapter
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
   3.5W CV/CC Adapter using TNY264P
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com