Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH1085MK Datasheet(PDF) 2 Page - Linear Technology

Part # RH1085MK
Description  3A Low Dropout Positive Adjustable Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1085MK Datasheet(HTML) 2 Page - Linear Technology

  RH1085MK Datasheet HTML 1Page - Linear Technology RH1085MK Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DICE/DWF SPECIFICATION
2
RH1085MK
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0506 • PRINTED IN USA
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information
on dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
I.D.No. 66-13-1085
Rad Hard die require special handling as compared to standard IC chips.
Rad Hard die are susceptible to surface damage because there is no silicon nitride passivation as on standard die. Silicon nitride protects the die surface
from scratches by its hard and dense properties. The passivation on Rad Hard die is silicon dioxide that is much “softer” than silicon nitride.
LTC recommends that die handling be performed with extreme care so as to protect the die surface from scratches. If the need arises to move the
die around from the chip tray, use a Teflon-tipped vacuum wand. This wand can be made by pushing a small diameter Teflon tubing onto the tip of a
steel-tipped wand. The inside diameter of the Teflon tip should match the die size for efficient pickup. The tip of the Teflon should be cut square and
flat to ensure good vacuum to die surface. Ensure the Teflon tip remains clean from debris by inspecting under stereoscope.
During die attach, care must be exercised to ensure no tweezers touch the top of the die.
Note 1: See the LT®1085 data sheet thermal regulation specifications for
changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Power dissipation is determined by the input/output differential
voltage and the output current.
Note 3: Dropout voltage is tested at 50mA but guaranteed over the full
output current range of the device. Test points and limits are shown on the
Dropout Voltage curve in the LT1085 data sheet.
DICE/DWF ELECTRICAL TEST LIMITS


Similar Part No. - RH1085MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1085MK

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com