Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEJT285W-2B1F-2D3 Datasheet(PDF) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJT285W-2B1F-2D3
Description  SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJT285W-2B1F-2D3 Datasheet(HTML) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Back Button WEJT285W-2B1F-2D3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 8Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 9Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT285W-2B1F-2D3 Datasheet HTML 10Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Reliability Test Items and Conditions(可靠性试验及条件)
1、Test items and result(测试项目及结果)
2、Criteria for judging damage(受损失效判定标准)
Notes:
U.S.L.: Upper Standard Level
L.S.L.: Lower Standard Level
Test Item
测试项目
Ref.Standard
参考标准
Test Condition
测试条件
Note
记录
Number of
Damaged
受损数量
Resistance to Soldering Heat 耐
热测试
JESD22-B106
Tsld=260℃,10sec
2 times
0/22
Temperature Cycle(冷热循环)
JESD22-A104
-40℃ 30min
↓↑ 5min
100℃ 30min
1000 cycle
0/100
Thermal Shock(冷热冲击)
JESD22-A106
-40℃ 15min
↑↓
100℃ 15min
1000 cycle
0/100
High temperature(高温测试)
JESD22-A103
Ta=100℃
1000 hrs
0/100
Low temperature(低温测试)
JESD22-A119
Ta=-40℃
1000 hrs
0/100
Power temperature Cycling
(高温点亮循环测试)
JESD22-A105
On 5min -40℃>15min
↑ ↓
↑ ↓<15min
Off5min 100℃>15min
1000 cycle
0/100
Lift Test 寿命测试
JESD22-A108
Ta=25℃
IF=20mA
1000 hrs
0/100
High Humidity Heat Lift Test
(高温高湿老化)
JESD22-A101
60℃ RH=90﹪
IF=20mA
1000 hrs
0/100
Item
项目
Symbol
符号
Test Conditions
测试条件
Criteria for Judgment
判断标准
Min 最小
Max 最大
Forward voltage
正向电压
VF
IF=20mA
--
U.S.L*)×1.1
Reverse current
反向电流
IR
VR=5V
--
U.S.L*)×2.0
Luminous intensity
光照强度
IV
IF=20mA
L.S.L**)×0.7
--
深圳市永而佳电子有限公司
ECELTRONIC CO., LTD
SMD


Similar Part No. - WEJT285W-2B1F-2D3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJT285W-2C1I-2D3 WINNERJOIN-WEJT285W-2C1I-2D3 Datasheet
540Kb / 10P
   SMD
More results

Similar Description - WEJT285W-2B1F-2D3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com