Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEJT61HC-843 Datasheet(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJT61HC-843
Description  CHIP LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJT61HC-843 Datasheet(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJT61HC-843 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 8Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT61HC-843 Datasheet HTML 9Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
深圳市永而佳电子有限公司
WEJ ECELTRONIC CO., LTD
SMD
3
Electrical characteristics data sheet
Selection Guide
Part No.
(产品型号)
Emitted Color
(发光颜色)
Resin color
(胶体颜色)
Viewing Angle(1)
(发光角度)
2θ1/2
WEJT61HC-843
Yellow Green
Water Clear
120
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
Absolute Maximum Ratings at Ta=25℃(极限参数)
Parameter
Symbol(符号)
Value(数值)
Unit(单位)
Power dissipation(功率消耗)
Pd
75
mW
DC Forward Current(正向电流)
If
30
mA
Peak Forward Current(1)(峰值电流)
Ifp
100
mA
Reverse Voltage( 反向电压)
Vr
5
V
Electro-Static-Discharge(2) (HBM)
ESD
1000
V
Operating Temperature(操作温度)
Topr
-25to+85
Storage Temperature(储存温度)
Tstg
-40to+100
Lead Solder Temperature(焊接温度)
Tsol
250 for 5sec
Notes:
1.1/10 duty cycle,0.1ms pulse width
2.The products are sensitive to static electricity and must be carefully taken when handling products.
Electrical/Optical Characteristiecs Ta=25℃
Notes:
1.forward voltage:±0.1V
2.wavelength: ±1.5nm
3.luminous intensity/luminous flux: ±10%
Parameter(参数)
Symbol
(符号)
Condition
(条件)
Value(数值)
Unit
Min.
Typ.
Max.
Forward voltage(正向电压)
Vf
If=20mA
--
2.1
2.6
V
Luminous intensity(发光强度)
Iv
If=20mA
23
35
--
mcd
Luminous flux(光通量)
Φ
If=20mA
--
--
--
lm
Reverse current(反向电流)
Ir
Vr=5V
--
--
10
uA
Dominant wavelength(主波长)
λd
If=20mA
--
570
--
nm
peak wavelength(峰值波长)
λp
If=20mA
--
572
--
nm
Chromaticity coordinate(色坐标)
X
If=20mA
--
--
--
--
Y
If=20mA
--
--
--
--
Color temperature(色温)
Tc
If=20mA
--
--
--
K
Color rendering index(显色指数)
Ra
If=20mA
--
--
--
--
Spectrum Line Half width(半波宽)
Δλ
If=20mA
--
20
--
nm


Similar Part No. - WEJT61HC-843

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJT61GC-S5 WINNERJOIN-WEJT61GC-S5 Datasheet
661Kb / 10P
   CHIP LED
WEJT61RC-871 WINNERJOIN-WEJT61RC-871 Datasheet
662Kb / 10P
   CHIP LED
WEJT61RC-871-1 WINNERJOIN-WEJT61RC-871-1 Datasheet
662Kb / 10P
   CHIP LED
WEJT61YC-982 WINNERJOIN-WEJT61YC-982 Datasheet
661Kb / 10P
   CHIP LED
More results

Similar Description - WEJT61HC-843

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com