Electronic Components Datasheet Search |
|
WJA1500 Datasheet(PDF) 1 Page - TriQuint Semiconductor |
|
WJA1500 Datasheet(HTML) 1 Page - TriQuint Semiconductor |
1 / 8 page WJA1500 +5 V Active-Bias InGaP HBT Gain Block Data Sheet: Rev A 2/20/12 - 1 of 8 - Disclaimer: Subject to change without notice © 2012 TriQuint Semiconductor, Inc. Connecting the Digital World to the Global Network ® Applications SOT-89 Package IF Amplifier VHF/UHF Transmission Wireless Infrastructure CATV / SATV / MoCA General Purpose Wireless Product Features Functional Block Diagram 50 Ohm Cascadable Gain Block 50-1000 MHz 19.5 dB Gain at 200 MHz +20.5 dBm P1dB at 200 MHz +43.5 dBm Output IP3 at 200 MHz +60 dBm Output IP2 at 200 MHz Single +5 V Supply, 95 mA Current Robust 1000V ESD, Class 1C SOT-89 Package RF IN GND RF OUT GND 1 2 3 4 General Description Pin Configuration The WJA1500 is a cascadable gain block that offers high linearity in a low-cost surface-mount package. At 200 MHz, the WJA1500 typically provides 19.5 dB gain, +43.5 dBm OIP3, and +20.5 dBm P1dB. The device is housed in a RoHS-compliant SOT-89 industry-standard SMT package using a NiPdAu plating to eliminate the possibility of tin whiskering. The WJA1500 consists of Darlington pair amplifiers using a high reliability InGaP/GaAs HBT process technology. The MMIC amplifier is internally matched to 50 Ω and only requires DC-blocking capacitors and a bias inductor for operation. An internal active bias is designed to enable stable performance over temperature. A dropping bias resistor is not required allowing the device to be biased directly from +5 V supply voltage. The amplifier is targeted for high performance IF applications in existing and next generation wireless technologies. The WJA1500 is ideal for general purpose applications such as LO buffering, IF amplification and pre-driver stages within the 50 to 1000 MHz frequency range. Pin # Symbol 1 RF IN 3 RF OUT 2, 4 GND Ordering Information Part No. Description WJA1500 InGaP HBT Gain Block WJA1500-PCB 50-1000 MHz Evaluation Board Standard T/R size = 1000 pieces on a 7” reel |
Similar Part No. - WJA1500_15 |
|
Similar Description - WJA1500_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |