Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ1231-EVB Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TQQ1231-EVB
Description  LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ1231-EVB Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TQQ1231-EVB Datasheet HTML 2Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 3Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 4Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 5Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 6Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 7Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 8Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 9Page - TriQuint Semiconductor TQQ1231-EVB Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TQQ1231
LTE
BAW
Datasheet: Rev E 09-25-14
- 9 of 10 -
Disclaimer: Subject to change without notice
www.triquint.com
Tape and Reel Information – Reel Dimensions
Tape and reel specifications for this part are also available on the TriQuint website.
2,500 pieces on a 7
Feature
Measure
Symbol
Size (in)
Size (mm)
Flange
Diameter
A
6.969
177.0
Thickness
W2
0.559
14.2
Space Between Flange
W1
0.346
8.8
Hub
Outer Diameter
N
2.283
58.0
Arbor Hole Diameter
C
0.512
13.0
Key Slit Width
B
0.079
2.0
Key Slit Diameter
D
0.787
20.0


Similar Part No. - TQQ1231-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ1231-EVB QORVO-TQQ1231-EVB Datasheet
596Kb / 10P
   General Purpose Wireless
More results

Similar Description - TQQ1231-EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQQ7301 QORVO-TQQ7301 Datasheet
660Kb / 8P
   Band 1 Uplink BAW Filter
QPQ1296 QORVO-QPQ1296 Datasheet
507Kb / 8P
   Band 25 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ7303 TRIQUINT-TQQ7303_15 Datasheet
370Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
logo
Qorvo, Inc
TQQ7303 QORVO-TQQ7303 Datasheet
645Kb / 8P
   1747.5 MHz LTE Band 3 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ7307 TRIQUINT-TQQ7307_15 Datasheet
345Kb / 8P
   2535 MHz LTE Band 7 Uplink BAW Filter
logo
Qorvo, Inc
TQQ7307 QORVO-TQQ7307 Datasheet
345Kb / 8P
   2535 MHz LTE Band 7 Uplink BAW Filter
logo
TriQuint Semiconductor
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
TQQ7101 TRIQUINT-TQQ7101 Datasheet
794Kb / 12P
   Band 1 BAW Duplexer
logo
Qorvo, Inc
QPQ1297 QORVO-QPQ1297 Datasheet
809Kb / 15P
   FDD Band 3 BAW Duplexer
QPQ1297 QORVO-QPQ1297_V01 Datasheet
879Kb / 15P
   FDD Band 3 BAW Duplexer
April 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com