Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ1212 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQQ1212
Description  1900/2017.5 MHz Dual Band Saw Filter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ1212 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQQ1212 Datasheet HTML 1Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 2Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 3Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 4Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 5Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 6Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 7Page - TriQuint Semiconductor TQQ1212 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TQQ1212
1900/2017.5 MHz Dual Band Saw Filter Module
Datasheet: Rev. C 06-22-14
- 6 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Package Material, Marking and Dimensions
1.07 NOM.
1.15 MAX.
1.50
0.10 +/- 0.1
3.00
4.00
TriQuint
YYWW CCCC
ID dot
1.10
TQQ1212
AaXXXX
0.32
0.750 ( 5 Places)
code
Date
Vendor code
0.5 +/- 0.1
1.10
Package Style: 6-pin 4x3 leadless SMT
Dimensions: 4.00 x 3.00 x 1.07 mm
4 layer laminate based over-molded module
Plating on leads: Electrolytic Ni/Au
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of YYWW = Year/Week, XXXX =
(XXXX= lot number).
PCB Mounting Pattern
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
2.800 REF
0.50
1.100
3.00 REF
0.750
1.50
0.60


Similar Part No. - TQQ1212

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ1231 TRIQUINT-TQQ1231 Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
logo
Qorvo, Inc
TQQ1231 QORVO-TQQ1231 Datasheet
596Kb / 10P
   General Purpose Wireless
logo
TriQuint Semiconductor
TQQ1231-EVB TRIQUINT-TQQ1231-EVB Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
logo
Qorvo, Inc
TQQ1231-EVB QORVO-TQQ1231-EVB Datasheet
596Kb / 10P
   General Purpose Wireless
logo
TriQuint Semiconductor
TQQ1231 TRIQUINT-TQQ1231_15 Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
More results

Similar Description - TQQ1212

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1238A TAI-SAW-TA1238A Datasheet
358Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2213K RFM-SF2213K Datasheet
467Kb / 6P
   2017.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0946A TAI-SAW-TA0946A Datasheet
341Kb / 5P
   SAW Filter 2017.5 MHz
logo
EPCOS
B7853 EPCOS-B7853 Datasheet
141Kb / 8P
   SAW filter 2017.5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1039A TAI-SAW-TA1039A Datasheet
429Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2209H RFM-SF2209H Datasheet
481Kb / 5P
   2017.5 MHz SAW Filter
SF1208H RFM-SF1208H Datasheet
492Kb / 5P
   2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2202E-1 MURATA-SF2202E-1 Datasheet
132Kb / 5P
   2017.5 MHz SAW Filter
SF2202E MURATA-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2202E RFM-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com