Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ1212 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQQ1212
Description  1900/2017.5 MHz Dual Band Saw Filter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ1212 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQQ1212_15 Datasheet HTML 1Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 2Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 3Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 4Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 5Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 6Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 7Page - TriQuint Semiconductor TQQ1212_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TQQ1212
1900/2017.5 MHz Dual Band Saw Filter Module
Datasheet: Rev. C 06-22-14
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
General Purpose Wireless
Uplink Band 34 and Band 39 Infrastructure
6 Pin 3 x 4 mm leadless SMT Package
Functional Block Diagram
1
2
3
4
5
6
Top View
Ordering Information
Part No.
Description
TQQ1212
Dual Band Saw Filter Module
TQQ1212-PCB
Evaluation board
Standard T/R size = 2500 pieces on a 13” reel
Product Features
Band 34 Usable Bandwidth 15 MHz
Band 39 Usable Bandwidth 40 MHz
Single-Input/Single-Output Dual Passband
High Attenuation
Low Loss
Internally Match for Single Ended 50 Ohm Operation
Small Size: 4.00 x 3.00 x 1.07 mm
Surface Mount Device
RoHS compliant, Pb-free
Pin Configuration
Pin No.
Label
2
Input
5
Output
1, 3, 4, 6
Case Ground
General Description
TQQ1212 is a general purpose Dual Band Uplink SAW
filter Module for Band 34 and 39. This module was
specifically designed in a 4 x 3 mm package for base
station applications where two filter passbands share an
optimally phased single input and a single output.
Low insertion loss, coupled with high attenuation and
excellent power handling, makes this filter a natural
choice for our customers RF filtering needs.
This filter module is part of TriQuint’s wide portfolio of RF
filters.


Similar Part No. - TQQ1212_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ1231 TRIQUINT-TQQ1231 Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
logo
Qorvo, Inc
TQQ1231 QORVO-TQQ1231 Datasheet
596Kb / 10P
   General Purpose Wireless
logo
TriQuint Semiconductor
TQQ1231-EVB TRIQUINT-TQQ1231-EVB Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
logo
Qorvo, Inc
TQQ1231-EVB QORVO-TQQ1231-EVB Datasheet
596Kb / 10P
   General Purpose Wireless
logo
TriQuint Semiconductor
TQQ1231 TRIQUINT-TQQ1231_15 Datasheet
596Kb / 10P
   LET BAND 1 AND BAND 3 UPLINK BAW DIPLEXER
More results

Similar Description - TQQ1212_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1238A TAI-SAW-TA1238A Datasheet
358Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2213K RFM-SF2213K Datasheet
467Kb / 6P
   2017.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0946A TAI-SAW-TA0946A Datasheet
341Kb / 5P
   SAW Filter 2017.5 MHz
logo
EPCOS
B7853 EPCOS-B7853 Datasheet
141Kb / 8P
   SAW filter 2017.5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1039A TAI-SAW-TA1039A Datasheet
429Kb / 8P
   SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF2209H RFM-SF2209H Datasheet
481Kb / 5P
   2017.5 MHz SAW Filter
SF1208H RFM-SF1208H Datasheet
492Kb / 5P
   2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2202E-1 MURATA-SF2202E-1 Datasheet
132Kb / 5P
   2017.5 MHz SAW Filter
SF2202E MURATA-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2202E RFM-SF2202E Datasheet
815Kb / 5P
   2017.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com