Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQQ0303 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQQ0303
Description  LTE Band 3 Downlink Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQQ0303 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQQ0303_15 Datasheet HTML 1Page - TriQuint Semiconductor TQQ0303_15 Datasheet HTML 2Page - TriQuint Semiconductor TQQ0303_15 Datasheet HTML 3Page - TriQuint Semiconductor TQQ0303_15 Datasheet HTML 4Page - TriQuint Semiconductor TQQ0303_15 Datasheet HTML 5Page - TriQuint Semiconductor TQQ0303_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TQQ0303
LTE Band 3 Downlink Module
TQQ0303-PCB Evaluation Board
FL1
C1
C2
J1
J2
1,3,4,6
2
5
50
50
C1
100pF
C2
100pF
Bill of Material – TQQ0303-PCB
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
1124609
U1
n/a
Band 3 Downlink BAW Filter
TriQuint
TQQ0303
C1, C2
100 pF
Cap., Chip, 0402, 5%, 50V, NPO/COG
various
various
J1, J2
n/a
SMA Edge Connector
Johnson
C
142-0701-851
Evaluation Board PCB Information
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, 0.0139”, 0.028”, 0.0139” thick
Single-ended
Input
Single-ended
Output
Datasheet: Rev D 12-11-14
- 3 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQQ0303_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ0302 TRIQUINT-TQQ0302 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
TQQ0302-PCB TRIQUINT-TQQ0302-PCB Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
More results

Similar Description - TQQ0303_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQQ0302 TRIQUINT-TQQ0302_15 Datasheet
398Kb / 6P
   LTE Band 3 Uplink Module
logo
Skyworks Solutions Inc.
SKYA21055 SKYWORKS-SKYA21055 Datasheet
194Kb / 3P
   Automotive Multimode Multiband Power Amplifier Module for Quad-Band GSM, LTE, LTE-A (Downlink Carrier Aggregation Applications)
logo
TriQuint Semiconductor
TQM700017 TRIQUINT-TQM700017_15 Datasheet
707Kb / 10P
   Band 17 LTE PA Module
TQM700013 TRIQUINT-TQM700013 Datasheet
140Kb / 1P
   Band 13 LTE PA Module
TQM700013 TRIQUINT-TQM700013_15 Datasheet
708Kb / 10P
   Band 13 LTE PA Module
TQM700017 TRIQUINT-TQM700017 Datasheet
143Kb / 1P
   Band 17 LTE PA Module
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
   3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
QPQ1295 QORVO-QPQ1295 Datasheet
511Kb / 8P
   Band 25 Downlink BAW Filter
logo
RF Micro Devices
RF7317A RFMD-RF7317A Datasheet
205Kb / 2P
   3V LTE BAND 17 LINEAR PA MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com