Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-000912-250L00 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000912-250L00
Description  GaN on SiC HEMT Pulsed Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000912-250L00 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000912-250L00_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000912-250L00_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000912-250L00_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000912-250L00_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000912-250L00_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000912-250L00_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GaN on SiC HEMT Pulsed Power Transistor
250W Peak, 960-1215 MHz, 128µs Pulse, 10% Duty
MAGX-000912-250L00
Production V1
18 Aug 11
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Outline Drawing
TURNING THE DEVICE ON
1. Set VGS to the pinch-off (VP), typically -5V
2. Turn on VDS to nominal voltage (50V)
3. Increase VGS until the IDS current is reached
4. Apply RF power to desired level
TURNING THE DEVICE OFF
1. Turn the RF power off
2. Decrease VGS down to VP
3. Decrease VDS down to 0V
4. Turn off VGS
CORRECT DEVICE SEQUENCING


Similar Part No. - MAGX-000912-250L00_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00 Datasheet
788Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 250W Peak, 960-1215 MHz, 128關s Pulse, 10% Duty
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00 Datasheet
794Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-000912-250L00_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000035-045000 MA-COM-MAGX-000035-045000_15 Datasheet
922Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00_15 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00_15 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L0X MA-COM-MAGX-000912-500L0X Datasheet
665Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L0X MA-COM-MAGX-001090-600L0X Datasheet
944Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-002731-180L0X MA-COM-MAGX-002731-180L0X Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-250L00-PROD MA-COM-MAGX-001214-250L00-PROD Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com