Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-000035-015000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000035-015000
Description  GaN on SiC HEMT Pulsed Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000035-015000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000035-015000_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000035-015000_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000035-015000_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000035-015000_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000035-015000_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000035-015000_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000035-015000_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaN on SiC HEMT Pulsed Power Transistor
15 W, DC - 3.5 GHz
Rev. V1
MAGX-000035-015000
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
MAGX-000035-01500S
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Part Number
Description
MAGX-000035-015000
Flanged, Bulk Packaging
MAGX-L20035-015000
Sample Board
(1.2 - 1.4 GHz, Flanged)
MAGX-000035-01500S
Flangeless, Bulk Packaging
MAGX-L20035-01500S
Sample Board
(1.2 - 1.4 GHz, Flangeless)
Ordering Information
MAGX-000035-015000 (Flanged)
Features
 GaN on SiC Depletion Mode Transistor
 Common-Source Configuration
 Broadband Class AB Operation
 Thermally Enhanced Package (Flanged: Cu/W,
Flangeless: Cu)
 RoHS* Compliant
 +50V Typical Operation
 MTTF = 600 years (TJ < 200°C)
Primary Applications
 Commercial Wireless Infrastructure
(WCDMA, LTE, WiMAX)
 Air Traffic Control Radar - Commercial
 Weather Radar - Commercial
 Military Radar - Military
 Public Radio
 Industrial, Scientific and Medical
 SATCOM
 Instrumentation
Description
The MAGX-000035-01500X is a gold-metalized
unmatched Gallium Nitride (GaN) on Silicon Carbide
RF power transistor suitable for a variety of RF power
amplifier applications. Using state of the art wafer
fabrication
processes,
these
high
performance
transistors provide high gain, efficiency, bandwidth,
and ruggedness over multiple octave bandwidths for
today’s demanding application needs.
The MAGX-000035-01500X is constructed using a
thermally enhanced flanged (
Cu/W) or flangeless
(
Cu) ceramic package which provides excellent
thermal performance. High breakdown voltages allow
for reliable and stable operation in extreme
mismatched load conditions unparalleled with older
semiconductor technologies.
MAGX-000035-01500S (Flangeless)


Similar Part No. - MAGX-000035-015000_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-015000-V1 MA-COM-MAGX-000035-015000-V1 Datasheet
791Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-000035-015000_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000035-045000 MA-COM-MAGX-000035-045000_15 Datasheet
922Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00_15 Datasheet
794Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00_15 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00_15 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L0X MA-COM-MAGX-000912-500L0X Datasheet
665Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L0X MA-COM-MAGX-001090-600L0X Datasheet
944Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-002731-180L0X MA-COM-MAGX-002731-180L0X Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-250L00-PROD MA-COM-MAGX-001214-250L00-PROD Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com